Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1550IJ28 Fiches technique(PDF) 9 Page - Exar Corporation

No de pièce ST16C1550IJ28
Description  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1550IJ28 Fiches technique(HTML) 9 Page - Exar Corporation

Back Button ST16C1550IJ28 Datasheet HTML 5Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 6Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 7Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 8Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 9Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 10Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 11Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 12Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
xr
ST16C1550/51
REV. 4.2.1
2.97V TO 5.5V UART WITH 16-BYTE FIFO
9
2.4
Programmable Baud Rate Generator
The UART has its own Baud Rate Generator (BRG) with a prescaler. The prescaler is controlled by a software
bit in the MCR register. The MCR register bit-7 sets the prescaler to divide the input crystal or external clock by
1 or 4. The clock output of the prescaler goes to the BRG. The BRG further divides this clock by a
programmable divisor between 1 and (216 -1) to obtain a 16X sampling clock of the serial data rate. The
sampling clock is used by the transmitter for data bit shifting and receiver for data sampling. The BRG divisor
(DLL and DLM registers) defaults to a random value upon power up or a reset. Therefore, the BRG must be
programmed during initialization to the operating data rate. Programming the Baud Rate Generator Registers
DLM and DLL provides the capability of selecting the operating data rate. Table 2 shows the standard data
rates available with a 14.7456 MHz crystal or external clock at 16X clock rate. When using a non-standard data
rate crystal or external clock, the divisor value can be calculated for DLL/DLM with the following equation.
FIGURE 4. TYPICAL OSCILLATOR CONNECTIONS
divisor (decimal) = (XTAL1 clock frequency / prescaler) / (serial data rate x 16)
C1
22-47pF
C2
22-47pF
Y1
1.8432 MHz
to
24 MHz
R1
0-120
(Optional)
R2
500K - 1M
XTAL1
XTAL2


Numéro de pièce similaire - ST16C1550IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1550IJ28 EXAR-ST16C1550IJ28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

Description similaire - ST16C1550IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com