Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1550IJ28 Fiches technique(PDF) 11 Page - Exar Corporation

No de pièce ST16C1550IJ28
Description  2.97V TO 5.5V UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1550IJ28 Fiches technique(HTML) 11 Page - Exar Corporation

Back Button ST16C1550IJ28 Datasheet HTML 7Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 8Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 9Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 10Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 11Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 12Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 13Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 14Page - Exar Corporation ST16C1550IJ28 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
xr
ST16C1550/51
REV. 4.2.1
2.97V TO 5.5V UART WITH 16-BYTE FIFO
11
2.5.2
Transmitter Operation in non-FIFO Mode
The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the
data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled
by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty.
2.5.3
Transmitter Operation in FIFO Mode
The host may fill the transmit FIFO with up to 16 bytes of transmit data. The THR empty flag (LSR bit-5) is set
whenever the FIFO is empty. The THR empty flag can generate a transmit empty interrupt (ISR bit-1) when the
amount of data in the FIFO falls below its programmed trigger level. The transmit empty interrupt is enabled by
IER bit-1. The TSR flag (LSR bit-6) is set when TSR/FIFO becomes empty.
2.6
Receiver
The receiver section contains an 8-bit Receive Shift Register (RSR) and 16 bytes of FIFO which includes a
byte-wide Receive Holding Register (RHR). The RSR uses the 16X clock for timing. It verifies and validates
every bit on the incoming character in the middle of each data bit. On the falling edge of a start or false start bit,
an internal receiver counter starts counting at the 16X clock rate. After 8 clocks the start bit period should be at
the center of the start bit. At this time the start bit is sampled and if it is still a logic 0 it is validated. Evaluating
the start bit in this manner prevents the receiver from assembling a false character. The rest of the data bits
and stop bits are sampled and validated in this same manner to prevent false framing. If there were any
error(s), they are reported in the LSR register bits 2-4. Upon unloading the receive data byte from RHR, the
receive FIFO pointer is bumped and the error tags are immediately updated to reflect the status of the data
byte in RHR register. RHR can generate a receive data ready interrupt upon receiving a character or delay until
it reaches the FIFO trigger level. Furthermore, data delivery to the host is guaranteed by a receive data ready
time-out interrupt when data is not received for 4 word lengths as defined by LCR[1:0] plus 12 bits time. This is
equivalent to 3.7-4.6 character times. The RHR interrupt is enabled by IER bit-0.
2.6.1
Receive Holding Register (RHR) - Read-Only
The Receive Holding Register is an 8-bit register that holds a receive data byte from the Receive Shift
Register. It provides the receive data interface to the host processor. The RHR register is part of the receive
FIFO of 16 bytes by 11-bits wide, the 3 extra bits are for the 3 error tags to be reported in LSR register. When
the FIFO is enabled by FCR bit-0, the RHR contains the first data character received by the FIFO. After the
RHR is read, the next character byte is loaded into the RHR and the errors associated with the current data
byte are immediately updated in the LSR bits 2-4.
FIGURE 5. TRANSMITTER OPERATION IN NON-FIFO MODE
Transmit
Holding
Register
(THR)
Transmit Shift Register (TSR)
Data
Byte
L
S
B
M
S
B
THR Interrupt (ISR bit-1)
Enabled by IER bit-1
TXNOFIFO1
16X Clock


Numéro de pièce similaire - ST16C1550IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1550IJ28 EXAR-ST16C1550IJ28 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results

Description similaire - ST16C1550IJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com