Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C2550 Fiches technique(PDF) 11 Page - Exar Corporation

No de pièce ST16C2550
Description  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550 Fiches technique(HTML) 11 Page - Exar Corporation

Back Button ST16C2550 Datasheet HTML 7Page - Exar Corporation ST16C2550 Datasheet HTML 8Page - Exar Corporation ST16C2550 Datasheet HTML 9Page - Exar Corporation ST16C2550 Datasheet HTML 10Page - Exar Corporation ST16C2550 Datasheet HTML 11Page - Exar Corporation ST16C2550 Datasheet HTML 12Page - Exar Corporation ST16C2550 Datasheet HTML 13Page - Exar Corporation ST16C2550 Datasheet HTML 14Page - Exar Corporation ST16C2550 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
xr
ST16C2550
REV. 4.4.0
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
11
To obtain maximum data rate, it is necessary to use full rail swing on the clock input. See external clock
operating frequency over power supply voltage chart in Figure 6.
FIGURE 5. EXTERNAL CLOCK CONNECTION FOR EXTENDED DATA RATE
FIGURE 6. OPERATING FREQUENCY VERSUS POWER SUPPLY CHART.
Requires a 2K ohms pull-up resistor on XTAL2 pin to increase operating speed
2K
XTAL1
XTAL2
R1
VCC
External Clock
vcc
gnd
60
50
40
30
3.0
4.5
5.5
3.5 4.0
5.0
S uppy V oltage
70
80
85oC
25oC
-40oC
O perating frequency for S T 16C 2550
w ith external clock and a 2K ohm s
pull-up resistor on X T A L2 pin.


Numéro de pièce similaire - ST16C2550

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

Description similaire - ST16C2550

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com