Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1450CJ28 Fiches technique(PDF) 3 Page - Exar Corporation

No de pièce ST16C1450CJ28
Description  2.97V TO 5.5V UART
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1450CJ28 Fiches technique(HTML) 3 Page - Exar Corporation

  ST16C1450CJ28 Datasheet HTML 1Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 2Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 3Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 4Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 5Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 6Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 7Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 8Page - Exar Corporation ST16C1450CJ28 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
xr
ST16C1450
REV. 4.2.1
2.97V TO 5.5V UART
3
PIN DESCRIPTIONS
NAME
28-PIN
PLCC
48-PIN
TQFP
TYPE
DESCRIPTION
DATA BUS INTERFACE
A0
A1
A2
21
20
19
30
28
27
I
Address data lines [2:0]. A2:A0 selects internal UART’s configuration registers.
D0
D1
D2
D3
D4
D5
D6
D7
1
2
3
4
5
6
7
8
43
45
46
47
3
4
5
6
I/O
Data bus lines [7:0] (bidirectional).
IOR#
16
20
I
Input/Output Read (active low). The falling edge instigates an internal read cycle and
retrieves the data byte from an internal register pointed by the address lines [A2:A0],
places it on the data bus to allow the host processor to read it on the leading edge.
IOW#
14
17
I
Input/Output Write (active low). The falling edge instigates the internal write cycle and
the rising edge transfers the data byte on the data bus to an internal register pointed by
the address lines [A2:A0].
CS#
11
9
I
Chip Select input (active low). A logic 0 on this pin selects the ST16C1450 device.
INT
18
23
O
Interrupt Output (three-state, active high). INT output defaults to three-state mode and
becomes active high when MCR bit-3 is set to a logic 1. INT output becomes a logic
high level when interrupts are enabled in the interrupt enable register (IER), and
whenever the transmitter, receiver, line and/or modem status register has an active
condition.
MODEM OR SERIAL I/O INTERFACE
TX
10
8
O
Transmit Data. This output is associated with individual serial transmit channel data
from the 1450. The TX signal will be a logic 1 during reset, idle (no data), or when the
transmitter is disabled. During the local loopback mode, the TX output pin is disabled
and TX data is internally connected to the UART RX input.
RX
9
7
I
Receive Data. This input is associated with individual serial channel data to the 1450.
Normal received data input idles at logic 1 condition. This input must be connected to
its idle logic state, logic 1, else the receiver may report “receive break” and/or “error”
condition(s).
RTS#
22
31
O
Request to Send or general purpose output (active low). If this pin is not needed for
modem communication, then it can be used as a general I/O. If it is not used, leave it
unconnected.
CTS#
25
34
I
Clear to Send or general purpose input (active low). If this pin is not needed for modem
communication, then it can be used as a general I/O. If it is not used, connect it to
VCC.
DTR#
23
32
O
Data Terminal Ready or general purpose output (active low). If this pin is not needed
for modem communication, then it can be used as a general I/O. If it is not used, leave
it unconnected.


Numéro de pièce similaire - ST16C1450CJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450CJ28 EXAR-ST16C1450CJ28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
More results

Description similaire - ST16C1450CJ28

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com