Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C1450 Fiches technique(PDF) 4 Page - Exar Corporation

No de pièce ST16C1450
Description  2.97V TO 5.5V UART
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C1450 Fiches technique(HTML) 4 Page - Exar Corporation

  ST16C1450_05 Datasheet HTML 1Page - Exar Corporation ST16C1450_05 Datasheet HTML 2Page - Exar Corporation ST16C1450_05 Datasheet HTML 3Page - Exar Corporation ST16C1450_05 Datasheet HTML 4Page - Exar Corporation ST16C1450_05 Datasheet HTML 5Page - Exar Corporation ST16C1450_05 Datasheet HTML 6Page - Exar Corporation ST16C1450_05 Datasheet HTML 7Page - Exar Corporation ST16C1450_05 Datasheet HTML 8Page - Exar Corporation ST16C1450_05 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ST16C1450
xr
2.97V TO 5.5V UART
REV. 4.2.1
4
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
1.0 PRODUCT DESCRIPTION
The ST16C1450 provides serial asynchronous receive data synchronization, parallel-to-serial and serial-to-
parallel data conversions for both the transmitter and receiver sections. These functions are necessary for
converting the serial data stream into parallel data that is required in digital data systems. Synchronization for
the serial data stream is accomplished by adding start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integrity is ensured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for any transmission bit errors. The 1450 is capable of
operation up to 1.5 Mbps with a 24 MHz crystal or external clock input with a 16X sampling clock (at VCC =
5.0V). With a crystal of 14.7456 MHz and through a software option, the user can select data rates up to 921.6
Kbps.
DSR#
26
39
I
Data Set Ready input or general purpose input (active low). If this pin is not needed for
modem communication, then it can be used as a general I/O. If it is not used, connect
it to VCC.
CD#
27
40
I
Carrier Detect input or general purpose input (active low). If this pin is not needed for
modem communication, then it can be used as a general I/O. If it is not used, connect
it to VCC.
RI#
17
21
I
Ring Indicator input or general purpose input (active low). If this pin is not needed for
modem communication, then it can be used as a general I/O. If it is not used, connect
it to VCC.
ANCILLARY SIGNALS
XTAL1
12
15
I
Crystal or external clock input. See
Figure 3 for typical oscillator connections.
XTAL2
13
16
O
Crystal or buffered clock output. See
Figure 3 for typical oscillator connections.
RESET
24
33
I
Reset Input (active high). When it is asserted, the UART configuration registers are
reset to default values, see
Table 6.
RST
-
22
O
Reset Output (active high). This output is only available on the ST16C1451. When
IER bit-5 is a logic 0, RST will follow the logical state of the RESET pin. When IER bit-
5 is a logic 1, the user may send software (soft) resets via MCR bit-2. Soft resets from
MCR bit-2 are “ORed” with the state of the RESET pin.
VCC
28
41
Pwr Power supply input of 2.97 to 5.5V.
GND
15
19
Pwr Power supply common ground.
N.C.
-
1, 2,
10-14,
18,
24-26,
29,
35-38,
42, 44,
48
-
Not connected.
NAME
28-PIN
PLCC
48-PIN
TQFP
TYPE
DESCRIPTION


Numéro de pièce similaire - ST16C1450_05

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450CJ28 EXAR-ST16C1450CJ28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450CP28 EXAR-ST16C1450CP28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450CQ48 EXAR-ST16C1450CQ48 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450IJ28 EXAR-ST16C1450IJ28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C1450IP28 EXAR-ST16C1450IP28 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
More results

Description similaire - ST16C1450_05

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
XR16L788IQ-F EXAR-XR16L788IQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L784 EXAR-XR16L784_08 Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784CV-F EXAR-XR16L784CV-F Datasheet
1Mb / 51P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784 Datasheet
625Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L784 EXAR-XR16L784_05 Datasheet
873Kb / 52P
   HIGH PERFORMANCE 2.97V TO 5.5V QUAD UART
XR16L788 EXAR-XR16L788_05 Datasheet
893Kb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788CQ-F EXAR-XR16L788CQ-F Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
XR16L788 EXAR-XR16L788_08 Datasheet
1Mb / 54P
   HIGH PERFORMANCE 2.97V TO 5.5V OCTAL UART
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com