Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA5204AD Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce SA5204AD
Description  Wide-band high-frequency amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5204AD Fiches technique(HTML) 2 Page - NXP Semiconductors

  SA5204AD Datasheet HTML 1Page - NXP Semiconductors SA5204AD Datasheet HTML 2Page - NXP Semiconductors SA5204AD Datasheet HTML 3Page - NXP Semiconductors SA5204AD Datasheet HTML 4Page - NXP Semiconductors SA5204AD Datasheet HTML 5Page - NXP Semiconductors SA5204AD Datasheet HTML 6Page - NXP Semiconductors SA5204AD Datasheet HTML 7Page - NXP Semiconductors SA5204AD Datasheet HTML 8Page - NXP Semiconductors SA5204AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
SA5204A
Wide-band high-frequency amplifier
2
853-1599 18662
DESCRIPTION
The SA5204A family of wideband amplifiers replaces the SA5204
family. The ‘A’ parts are fabricated on a rugged 2
µm bipolar process
featuring excellent statistical process control. Electrical
performance is nomically identical to the original parts.
The SA5204A is a high-frequency amplifier with a fixed insertion
gain of 20dB. The gain is flat to
±0.5dB from DC to 200MHz. The
-3dB bandwidth is greater than 350MHz. This performance makes
the amplifier ideal for cable TV applications. The SA5204A operates
with a single supply of 6V, and only draws 25mA of supply current,
which is much less than comparable hybrid parts. The noise figure is
4.8dB in a 75
Ω system and 6dB in a 50Ω system.
The SA5204A is a relaxed version of the SA5205. Minimum
guaranteed bandwidth is relaxed to 350MHz and the “S” parameter
Min/Max limits are specified as typicals only.
Until now, most RF or high-frequency designers had to settle for
discrete or hybrid solutions to their amplification problems. Most of
these solutions required trade-offs that the designer had to accept in
order to use high-frequency gain stages. These include high power
consumption, large component count, transformers, large packages
with heat sinks, and high part cost. The SA5204A solves these
problems by incorporating a wideband amplifier on a single
monolithic chip.
The part is well matched to 50 or 75
Ω input and output impedances.
The standing wave ratios in 50 and 75
Ω systems do not exceed 1.5
on either the input or output over the entire DC to 350MHz operating
range.
Since the part is a small, monolithic IC die, problems such as stray
capacitance are minimized. The die size is small enough to fit into a
very cost-effective 8-pin small-outline (SO) package to further
reduce parasitic effects.
No external components are needed other than AC-coupling
capacitors because the SA5204A is internally compensated and
matched to 50 and 75
Ω. The amplifier has very good distortion
specifications, with second and third-order intermodulation
intercepts of +24dBm and +17dBm, respectively, at 100MHz.
The part is well matched for 50
Ω test equipment such as signal
generators, oscilloscopes, frequency counters, and all kinds of
signal analyzers. Other applications at 50
Ω include mobile radio, CB
radio, and data/video transmission in fiber optics, as well as
broadband LANs and telecom systems. A gain greater than 20dB
can be achieved by cascading additional SA5204As in series as
required, without any degradation in amplifier stability.
PIN CONFIGURATION
D Packages
8
7
6
5
4
3
2
1
VCC
VIN
GND
GND
VCC
VOUT
GND
GND
TOP VIEW
20dB
SR00193
Figure 1. Pin Configuration
FEATURES
Bandwidth (min.)
200 MHz,
±0.5dB
350 MHz, -3dB
20dB insertion gain
4.8dB (6dB) noise figure Z
O=75Ω (ZO=50Ω)
No external components required
Input and output impedances matched to 50/75Ω systems
Surface-mount package available
Cascadable
2000V ESD protection
APPLICATIONS
Antenna amplifiers
Amplified splitters
Signal generators
Frequency counters
Oscilloscopes
Signal analyzers
Broadband LANs
Networks
Modems
Mobile radio
Security systems
Telecommunications
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) package
–40 to +85
°C
SA5204AD
SOT96-1


Numéro de pièce similaire - SA5204AD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA5204AD PHILIPS-SA5204AD Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
More results

Description similaire - SA5204AD

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50MH MINI-MCA-50MH Datasheet
211Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
   Frequency Mixer WIDE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com