Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA5200D Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce SA5200D
Description  RF dual gain-stage
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5200D Fiches technique(HTML) 2 Page - NXP Semiconductors

  SA5200D Datasheet HTML 1Page - NXP Semiconductors SA5200D Datasheet HTML 2Page - NXP Semiconductors SA5200D Datasheet HTML 3Page - NXP Semiconductors SA5200D Datasheet HTML 4Page - NXP Semiconductors SA5200D Datasheet HTML 5Page - NXP Semiconductors SA5200D Datasheet HTML 6Page - NXP Semiconductors SA5200D Datasheet HTML 7Page - NXP Semiconductors SA5200D Datasheet HTML 8Page - NXP Semiconductors SA5200D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
SA5200
RF dual gain-stage
5–2
1997 Nov 07
853-1578 18662
DESCRIPTION
The SA5200 is a dual amplifier with DC to 1200MHz response. Low
noise (NF = 3.6dB) makes this part ideal for RF front-ends, and a
simple power-down mode saves current for battery operated
equipment. Inputs and outputs are matched to 50
Ω.
The enable pin allows the designer the ability to turn the amplifiers
on or off, allowing the part to act as an amplifier as well as an
attenuator. This is very useful for front-end buffering in receiver
applications.
FEATURES
Dual amplifiers
DC - 1200MHz operation
Low DC power consumption (4.2mA per amplifier @ V
CC = 5V)
Power-Down Mode (I
CC = 95µA typical)
3.6dB noise figure at 900MHz
Unconditionally stable
Fully ESD protected
Low cost
PIN CONFIGURATION
VC
C
OUT2
GND2
IN2
OUT1
IN1
1
2
3
45
6
7
8
GND1
ENABLE
D Package
SR00166
Figure 1. Pin Configuration
Supply voltage 4-9V
Gain S
21 = 7dB at f = 1GHz
Input and output match S
11, S22 typically <–14dB
APPLICATIONS
Cellular radios
RF IF strips
Portable equipment
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (Surface–mount)
–40-+85
°C
SA5200D
SOT96-1
BLOCK DIAGRAM
IN2
GND2
OUT2
VCC
ENABLE
IN1
GND1
OUT1
AMP2
AMP1
43
2
1
8
7
6
5
SR00167
Figure 2. Block Diagram
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
4.0 to 9.0
V
TA
Operating ambient temperature range
SA Grade
-40 to +85
°C
TJ
Operating junction temperature
SA Grade
-40 to +105
°C


Numéro de pièce similaire - SA5200D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA5204 PHILIPS-SA5204 Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5204A PHILIPS-SA5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5204AD PHILIPS-SA5204AD Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
SA5204AD PHILIPS-SA5204AD Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
More results

Description similaire - SA5200D

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
logo
TriQuint Semiconductor
TAT7472A1F TRIQUINT-TAT7472A1F Datasheet
747Kb / 8P
   Edge QAM Gain Stage
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV Datasheet
93Kb / 9P
   Dual Frequency ECL/PECL Oscillator Gain Stage & Buffer with Enable
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com