Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF1210 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BF1210
Description  Dual N-channel dual gate MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1210 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BF1210 Datasheet HTML 3Page - NXP Semiconductors BF1210 Datasheet HTML 4Page - NXP Semiconductors BF1210 Datasheet HTML 5Page - NXP Semiconductors BF1210 Datasheet HTML 6Page - NXP Semiconductors BF1210 Datasheet HTML 7Page - NXP Semiconductors BF1210 Datasheet HTML 8Page - NXP Semiconductors BF1210 Datasheet HTML 9Page - NXP Semiconductors BF1210 Datasheet HTML 10Page - NXP Semiconductors BF1210 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
BF1210_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 October 2006
7 of 21
NXP Semiconductors
BF1210
Dual N-channel dual gate MOSFET
(1) VG2-S = 4.0 V.
(2) VG2-S = 3.5 V.
(3) VG2-S = 3.0 V.
(4) VG2-S = 2.5 V.
(5) VG2-S = 2.0 V.
(6) VG2-S = 1.5 V.
(7) VG2-S = 1.0 V.
VDS(A) =5V; Tj =25 °C.
(1) VG2-S = 4.0 V.
(2) VG2-S = 3.5 V.
(3) VG2-S = 3.0 V.
(4) VG2-S = 2.5 V.
(5) VG2-S = 2.0 V.
(6) VG2-S = 1.5 V.
(7) VG2-S = 1.0 V.
VDS(A) =5V; Tj =25 °C.
Fig 4.
Amplifier A: gate1 current as a function of
gate1 voltage; typical values
Fig 5.
Amplifier A: forward transfer admittance as a
function of drain current; typical values
VDS(A) =5V; VG2-S =4V; Tj =25 °C.
VDS(A) =5V;VG2-S =4V; RG1(A) =59kΩ;Tj =25 °C.
Fig 6.
Amplifier A: drain current as a function of gate1
current; typical values
Fig 7.
Amplifier A: drain current as a function of gate1
supply voltage (VGG); typical values
001aaf478
VG1-S (V)
0
2.0
1.5
0.5
1.0
40
60
20
80
100
IG1
(
µA)
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
001aaf479
ID (mA)
036
24
12
12
24
36
Yfs
(mS)
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
001aaf480
IG1 (µA)
060
40
20
8
12
4
16
20
ID
(mA)
0
001aaf481
VGG (V)
05
4
23
1
10
5
15
20
ID
(mA)
0


Numéro de pièce similaire - BF1210

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1210 NXP-BF1210 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1210 NXP-BF1210 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1210_2015 JMNIC-BF1210_2015 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
More results

Description similaire - BF1210

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com