Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA1630BE Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce SA1630BE
Description  IF quadrature transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1630BE Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button SA1630BE Datasheet HTML 4Page - NXP Semiconductors SA1630BE Datasheet HTML 5Page - NXP Semiconductors SA1630BE Datasheet HTML 6Page - NXP Semiconductors SA1630BE Datasheet HTML 7Page - NXP Semiconductors SA1630BE Datasheet HTML 8Page - NXP Semiconductors SA1630BE Datasheet HTML 9Page - NXP Semiconductors SA1630BE Datasheet HTML 10Page - NXP Semiconductors SA1630BE Datasheet HTML 11Page - NXP Semiconductors SA1630BE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Philips Semiconductors
Product specification
SA1630
IF quadrature transceiver
1998 Jul 21
8
AC ELECTRICAL CHARACTERISTICS IF TRANSMIT MODULATOR
(Mode #3, Tx ON Rx Standby) VCCXXX = +3V; GNDXXX = 0V; LO_in = 100 mV peak at 704 MHz, CLKin = 100mV peak at 22 MHz, Tamb =
25
°C, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
BW4,5
Input modulation bandwidth
500 ohms source impedance
22
MHz
VIN
Input signal amplitude, Differential1
Voltage common mode = 1 to 2V
1
Vpp
THD_3
Third harmonic distortion5
Input signal amplitude = 1 VPP,
8 MHz, VCM = 1.5
–55
–45
dBc
RINTx
Input resistance
Between pins I_TXIN, I_TXINX
Q_TXIN, Q_TXINX
98
k
CINTx4
Input Capacitance
Between pins I_TXIN, I_TXINX
Q_TXIN, Q_TXINX
2
pF
Minimum Tx output DC voltage
VIN = IVPP
VCMI = VCMQ = VCC/2
VCC–0.3
V
IO DC
Mean output DC current
At TXIFOUT and TXIFOUTX
2
2.75
mA
Output current DC offset4
Mismatch at TXIFOUT and TXIFOUTX
40
µA
Output current available2
At TXIFOUT and TXIFOUTX
0.475
mA rms
Output differential voltage1,2
400
Ω tuned load2
190
mV rms
CS
Carrier suppression1,3
Differential output
30
36
dBc
SBS
SB Suppression 1,3
fOUT = 352 MHz
35
47
dBc
Noise floor
offset = 10 MHz
156
dBc/Hz
nG4
Gain stability6
0.5
2.0
dB
tON4
Turn–on time
TX_ON, RX_ON transition
to transmit signal at 90% level
4
µs
TOFF4
Turn–off time
TX_ON, RX_ON transition to transmit
signal at 10% level
4
µs
NOTES:
1. Tx inputs are differential sine wave, 0.5 V peak, with quadrature relationship between I and Q Tx input. The output spectrum will be SSB.
The tone is at a frequency of 1 MHz.
2. The output current in each arm is the same but 180 degrees out of phase with each other. Also the tuned load of 400 ohms differential, is
assumed. The power delivered to 400 ohms will be –10.4 dBm (typ.). The output current measurement is indirect based on output power
measurement according to P = 10 log I2rms (400
W)/IMV. See typical performance characteristic curve.
3. This is measured with respect to the SSB output.
4. Guaranteed by design and or characterization but not final tested.
5. The input bandwidth may be verified by measuring the output THD and signal level using a DSB spectrum where I = Q.
6. Measured over temperature and supply.


Numéro de pièce similaire - SA1630BE

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA1638 PHILIPS-SA1638 Datasheet
271Kb / 26P
   Low voltage IF I/Q transceiver
1997 Sept 03
SA1638BE PHILIPS-SA1638BE Datasheet
271Kb / 26P
   Low voltage IF I/Q transceiver
1997 Sept 03
More results

Description similaire - SA1630BE

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
250126 ANAREN-250126 Datasheet
178Kb / 1P
   Mixers Quadrature IF
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510 Datasheet
126Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
19-1296; Rev 1; 1/98
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
logo
Intersil Corporation
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
   AGC and Quadrature IF Demodulator
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
logo
Marki Microwave
IQ-4509 MARKIMICROWAVE-IQ-4509 Datasheet
153Kb / 2P
   QUADRATURE-IF DOUBLE-BALANCED MIXERS
IQ-1545 MARKIMICROWAVE-IQ-1545 Datasheet
147Kb / 2P
   QUADRATURE-IF DOUBLE-BALANCED MIXERS
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
logo
Linear Technology
LT5502 LINER-LT5502_15 Datasheet
240Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com