Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP50-05W Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BAP50-05W
Description  General purpose PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP50-05W Fiches technique(HTML) 3 Page - NXP Semiconductors

  BAP50-05W Datasheet HTML 1Page - NXP Semiconductors BAP50-05W Datasheet HTML 2Page - NXP Semiconductors BAP50-05W Datasheet HTML 3Page - NXP Semiconductors BAP50-05W Datasheet HTML 4Page - NXP Semiconductors BAP50-05W Datasheet HTML 5Page - NXP Semiconductors BAP50-05W Datasheet HTML 6Page - NXP Semiconductors BAP50-05W Datasheet HTML 7Page - NXP Semiconductors BAP50-05W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Apr 17
3
Philips Semiconductors
Product specification
General purpose PIN diode
BAP50-05W
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
IF =50mA
0.95
1.1
V
VR
reverse voltage
IR =10 µA50
−−
V
IR
reverse current
VR =50V
−−
100
nA
Cd
diode capacitance
VR = 0; f = 1 MHz
0.45
pF
VR = 1 V; f = 1 MHz
0.35
0.6
pF
VR = 5 V; f = 1 MHz
0.3
0.5
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
25
40
IF = 1 mA; f = 100 MHz; note 1
14
25
IF = 10 mA; f = 100 MHz; note 1
35
|s
21|
2
isolation
VR = 0; f = 900 MHz
19
dB
VR = 0; f = 1800 MHz
15.7
dB
VR = 0; f = 2450 MHz
13.5
dB
|s
21|
2
insertion loss
IF = 0.5 mA; f = 900 MHz
1.84
dB
IF = 0.5 mA; f = 1800 MHz
1.90
dB
IF = 0.5 mA; f = 2450 MHz
1.92
dB
|s
21|
2
insertion loss
IF = 1 mA; f = 900 MHz
1.08
dB
IF = 1 mA; f = 1800 MHz
1.13
dB
IF = 1 mA; f = 2450 MHz
1.17
dB
|s21|2
insertion loss
IF = 10 mA; f = 900 MHz
0.26
dB
IF = 10 mA; f = 1800 MHz
0.30
dB
IF = 10 mA; f = 2450 MHz
0.36
dB
τ
L
charge carrier life time
when switched from IF =10mA to
IR = 6 mA; RL = 100 Ω;
measured at IR =3mA
1.05
−µs
LS
series inductance
IF = 100 mA; f = 100 MHz
1.6
nH
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
250
K/W


Numéro de pièce similaire - BAP50-05W

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
NXP Semiconductors
BAP50-05W NXP-BAP50-05W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP50-05W PHILIPS-BAP50-05W_15 Datasheet
203Kb / 8P
   General purpose PIN diode
2001 Apr 17
logo
Quanzhou Jinmei Electro...
BAP50-05W JMNIC-BAP50-05W_15 Datasheet
65Kb / 8P
   General purpose PIN diode
BAP50-05W_2015 JMNIC-BAP50-05W_2015 Datasheet
65Kb / 8P
   General purpose PIN diode
More results

Description similaire - BAP50-05W

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
   GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
   General purpose PIN diode
logo
NXP Semiconductors
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
   General purpose PIN diode
1999 May 10
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
   General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
   General purpose PIN diode
2001 Jan 23
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
   General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
   General Purpose PIN Diode
logo
NXP Semiconductors
BAP51-06W NXP-BAP51-06W Datasheet
57Kb / 8P
   General purpose PIN diode
Rev. 01-26 May 2008
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
   General purpose PIN diode
1999 Jun 28
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
   GENERAL PURPOSE PIN DIODE
logo
Quanzhou Jinmei Electro...
BAP51-04W_N_2015 JMNIC-BAP51-04W_N_2015 Datasheet
89Kb / 7P
   General purpose PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com