Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMBT5087 Fiches technique(PDF) 1 Page - Dc Components

No de pièce DMBT5087
Description  TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

DMBT5087 Fiches technique(HTML) 1 Page - Dc Components

  DMBT5087 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DMBT5087
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
Description
Designed for low noise, high gain, general purpose
amplifier applications.
Pinning
1 = Base
2 = Emitter
3 = Collector
.091(2.30)
.067(1.70)
SOT-23
Dimensions in inches and (millimeters)
.063(1.60)
.055(1.40)
.108(0.65)
.089(0.25)
.045(1.15)
.034(0.85)
.118(3.00)
.110(2.80)
.020(0.50)
.012(0.30)
.0043(0.11)
.0035(0.09)
.004
(0.10)
.051(1.30)
.035(0.90)
.026(0.65)
.010(0.25)
Max
.027(0.67)
.013(0.32)
2
1
3
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-3
V
Collector Current
IC
-50
mA
Total Power Dissipation
PD
225
mW
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
-50
-
-
V
IC=-100
µA
Collector-Emitter Breakdown Voltage
BVCEO
-50
-
-
V
IC=-1mA
Emitter-Base Breakdown Volatge
BVEBO
-3
-
-
V
IE=-10
µA
Collector Cutoff Current
ICBO1
-
-
-10
nA
VCB=-10V
ICBO2
-
-
-50
nA
VCB=-35V
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-
-0.3
V
IC=-10mA, IB=-1mA
Base-Emitter Saturation Voltage(1)
VBE(sat)
-
-
-0.85
V
IC=-10mA, IB=-1mA
hFE1
250
-
800
-
IC=-0.1mA, VCE=-5V
DC Current Gain(1)
hFE2
250
-
-
-
IC=-1mA, VCE=-5V
hFE3
250
-
-
-
IC=-10mA, VCE=-5V
Transition Frequency
fT
40
-
-
MHz
IC=-0.5mA, VCE=-5V, f=100MHz
Output Capacitance
Cob
-
-
4
pF
VCB=-5V, f=100MHz
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%


Numéro de pièce similaire - DMBT5087

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
DMBT5401 DCCOM-DMBT5401 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
DMBT5551 DCCOM-DMBT5551 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Description similaire - DMBT5087

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
DMBT3906 DCCOM-DMBT3906 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
I772 DCCOM-I772 Datasheet
223Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2N5401 DCCOM-2N5401 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC328 DCCOM-BC328 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA55 DCCOM-MPSA55 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
BC857BS DCCOM-BC857BS Datasheet
229Kb / 2P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MJE2955T DCCOM-MJE2955T Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
MPSA94 DCCOM-MPSA94 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
TIP32C DCCOM-TIP32C Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
TIP42C DCCOM-TIP42C Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
2SB772S DCCOM-2SB772S Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com