Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT4403 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce PZT4403
Description  PNP switching transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZT4403 Fiches technique(HTML) 4 Page - NXP Semiconductors

  PZT4403 Datasheet HTML 1Page - NXP Semiconductors PZT4403 Datasheet HTML 2Page - NXP Semiconductors PZT4403 Datasheet HTML 3Page - NXP Semiconductors PZT4403 Datasheet HTML 4Page - NXP Semiconductors PZT4403 Datasheet HTML 5Page - NXP Semiconductors PZT4403 Datasheet HTML 6Page - NXP Semiconductors PZT4403 Datasheet HTML 7Page - NXP Semiconductors PZT4403 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 May 10
4
Philips Semiconductors
Product specification
PNP switching transistor
PZT4403
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
300
100
200
MGS333
−10−1
−1
−10
−102
−103
hFE
IC mA
VCE = −1V.
Vi = −9.5 V; T = 500 µs; tp =10 µs.
R1 = 68
Ω; R2 = 325 Ω; RB = 325 Ω; RC = 160 Ω.
VBB = 3.5 V; VCC = −29.5 V.
Oscilloscope input impedance Zi =50 Ω.
handbook, full pagewidth
RC
R2
R1
DUT
MGD624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
Vi
VCC
Fig.3 Test circuit for switching times.


Numéro de pièce similaire - PZT4403

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZT4403 NXP-PZT4403 Datasheet
228Kb / 7P
   PNP switching transistor
Rev. 02-17 January 2008
PZT4403 NXP-PZT4403 Datasheet
102Kb / 9P
   40 V, 600 mA PNP switching transistor
Rev. 03-2 March 2010
logo
SeCoS Halbleitertechnol...
PZT4403 SECOS-PZT4403 Datasheet
930Kb / 2P
   Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403 Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
PZT4403 JIANGSU-PZT4403 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
More results

Description similaire - PZT4403

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com