Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-AQ911 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce GS-AQ911
Description  Space air quality transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

GS-AQ911 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  GS-AQ911 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS-AQ911 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
Space air quality transmitter
GS-AQ911
Data Sheet Ref: 90500997
Issue: 5.1
International Tel: +44 1732 861225
UK Sales Tel: 0845 345 7253
International Fax: +44 1732 861226
UK Sales Fax: 0845 345 7353
www.sontay.com
Whilst every effort has been made to ensure the accuracy of this specification, Sontay cannot accept responsibility for damage, injury, loss or
expense resulting from errors or omissions. In the interest of technical improvement, this specification may be altered without notice.
Installation
Connections
1.
Undo the tamperproof screw at the bottom of the
housing and gently pull the front panel from the
base.
2.
Using the base as a template mark the hole centres
and fix to the wall with suitable screws. Alternatively
the base plate can be mounted on to a conduit box
or a standard recessed back box.
3.
Feed cable through the 22mm knockout in the base
of the housing and terminate the cores at the termi-
nal block. Leaving some slack inside the unit.
4.
Replace the housing to the base plate.
5.
Fit the tamperproof screw (if required) through the
lug at the bottom of the base plate.
6.
Power the unit with 24Vac/dc and after a stabilising
period of 2-3 minutes functionality checks can be
made.
7.
Pre-commissioning checks are made after approxi-
mately 30 minutes. Final commissioning should only
be carried out after the unit has been running for a
minimum of seven days.
Operation
The GS-AQ911 space air quality transmitter is most suited
to areas such as common rooms, canteens, office spaces
and other areas where pollutants given off by occupants are
of concern.
The typical pollutants of which the GS-AQ911 would monitor
are body odours, methane, solvent gases, cigarette smoke,
carbon monoxide, alcohol, perfume and most other heavy
odours related to high occupancy.
The normal operation of the GS-AQ911 is to set the damp-
ers to minimum fresh air at below 2Vdc. As the signal in-
creases, dampers should be modulated to fully open at 8-
10Vdc.
Trend Scaling
Typically, the output could be scaled for 0 to 100% contami-
nation.
Brange
-100
Trange
100
Upper
100
Lower
0
Exponent 3
LK2 can be ON for response damping or OFF for no damp-
ing.
NB Jumper LK1 should not be changed.
LK1
LK2


Numéro de pièce similaire - GS-AQ911

FabricantNo de pièceFiches techniqueDescription
logo
GaN Systems Inc.
GS-065-004-1-L GAN-GS-065-004-1-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220712
GS-065-008-1-L GAN-GS-065-008-1-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220712
GS-065-011-1-L GAN-GS-065-011-1-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220708
GS-065-011-2-L GAN-GS-065-011-2-L Datasheet
1Mb / 16P
   650 V E-mode GaN transistor
Rev 220712
GS-065-018-2-L GAN-GS-065-018-2-L Datasheet
906Kb / 16P
   650 V E-mode GaN transistor
Rev 220921
More results

Description similaire - GS-AQ911

FabricantNo de pièceFiches techniqueDescription
logo
Greystone Energy System...
AIR41 GREYSTONE-AIR41 Datasheet
220Kb / 2P
   ROOM AIR QUALITY TRANSMITTER
07/20
AQDT GREYSTONE-AQDT Datasheet
328Kb / 2P
   DUCT AIR QUALITY TRANSMITTER
04/20
logo
Vaisala
AQT530 VAISALA-AQT530 Datasheet
183Kb / 2P
   Air Quality Transmitter AQT530
logo
ams AG
AS-MLV-P2 AMSCO-AS-MLV-P2 Datasheet
836Kb / 24P
   Air Quality Sensor
logo
Zhengzhou Winsen Electr...
MP503 WINSEN-MP503 Datasheet
722Kb / 7P
   Air-Quality Gas Sensor
MQ135 WINSEN-MQ135 Datasheet
470Kb / 7P
   Air Quality Gas Sensor
logo
Greystone Energy System...
IAQRM GREYSTONE-IAQRM Datasheet
243Kb / 2P
   INDOOR AIR QUALITY SERIES
logo
BELIMO AIRCONTROLS (USA...
22DC-51 BELIMO-22DC-51 Datasheet
473Kb / 4P
   Duct Air Quality Sensor
logo
Zhengzhou Winsen Electr...
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
   Air-Quality Gas Sensor
logo
Greystone Energy System...
PS-IAQ GREYSTONE-PS-IAQ Datasheet
243Kb / 2P
   INDOOR AIR QUALITY SERIES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com