Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34923DW Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc

No de pièce MC34923DW
Description  Full-Bridge PWM Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34923DW Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc

  MC34923DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34923DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
34923 Simplified Application Diagram
This document contains information on a product under development.
Motorola reserves the right to change or discontinue this product without notice.
© Motorola, Inc. 2003
Order this document from Analog Marketing: MC34923/D
Rev 0, 05/2003
34923
Preliminary Information
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34923DW/R2
-40 to 125°C
24 SOICW
Full-Bridge PWM Motor Driver
Designed with Motorola’s advanced SMARTMOS, the 34923 is designed for
pulse-width modulated (PWM) current control of DC motors. It is capable of
continuous output currents up to 2.0 A and operating voltages of up to 45 V.
Internal fixed off-time PWM current-control timing circuitry can be programmed
via a serial interface to operate in slow, fast, and mixed current-decay modes.
DIR and PWM/ENABLE input pins are provided for use in controlling the
speed and direction of a DC motor with externally applied PWM-control
signals. The PWM/ENABLE input can be programmed via the serial port to
PWM the bridge in fast or slow current decay. Internal synchronous
rectification control circuitry is provided to reduce power dissipation during
PWM operation.
Internal circuit protection includes thermal shutdown with hysteresis and
crossover-current protection. A special power-up sequencing is not required.
Features
• ±2.0 A, 45 V Continuous Output Rating
• Low RDS(ON) Outputs (270 m, typical)
• Programmable Mixed, Fast, and Slow Current-Decay Modes
• Serial Interface Controls Chip Functions
• Synchronous Rectification for Low Power Dissipation
• Internal Undervoltage Lockout Thermal Shutdown Circuitry
• Crossover-Current Protection
FULL-BRIDGE PWM MOTOR
DRIVER
DW SUFFIX
24-LEAD SOICW
CASE 751E-04
34923
5.0 V
≤ 5.0 V
Serial
Port
CLOCK
DATA
STROBE
PWMMODE
DIR
PWM/ENABLE
OSC
MCU
DCMA
DCMB
Motor
DC
GND
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC34923DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC34923DW MOTOROLA-MC34923DW Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
MC34923DW/R2 MOTOROLA-MC34923DW/R2 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
More results

Description similaire - MC34923DW

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com