Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33991DW Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc

No de pièce MC33991DW
Description  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33991DW Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33991DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33991DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33991
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. 33991 Maximum Ratings
(All voltages are with respect to ground unless otherwise noted)
Rating
Symbol
Value
Limit
Power Supply Voltage
Steady State
VPWR(SUS)
-0.3 to 41
V
Input Pin Voltage (1)
VIN
-0.3 to 7.0
V
SIN+/- COS +/- Continuous Per Output Current (2)
IOUTMAX
40
mA
Storage Temperature
TSTG
-55 to 150
°C
Operating Junction Temperature
TJUNC
-40 to 150
°C
Thermal Resistance (C/W)
Ambient
Junction to Lead
θ
JA
θ
JL
60
20
°C/W
°C/W
ESD Voltage (3)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
V
Peak Package Reflow Temperature During Reflow (4), (5)
TPPRT
Note 5
°C
Notes
1.
Exceeding voltage limits on Input pins may cause permanent damage to the device.
2.
Output continuous output rating so long as maximum junction temperature is not exceeded. Operation at 125°C ambient temperature
will require maximum output current computation using package thermal resistances
3.
VESD1 testing is performed in accordance with the Human Body Model (Czap = 100pF, Rzap = 1500
Ω), All pins are capable of Human
Body Model RSP voltages of ±2000 V with one exception. The SO pin is capable of ± 1900 V, VESD2 testing is performed in accordance
with the Machine Model (Czap = 200pF, Rzap = 0
Ω)
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Numéro de pièce similaire - MC33991DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
More results

Description similaire - MC33991DW

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com