Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC8195K Fiches technique(PDF) 3 Page - California Eastern Labs

No de pièce UPC8195K
Description  TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8195K Fiches technique(HTML) 3 Page - California Eastern Labs

  UPC8195K Datasheet HTML 1Page - California Eastern Labs UPC8195K Datasheet HTML 2Page - California Eastern Labs UPC8195K Datasheet HTML 3Page - California Eastern Labs UPC8195K Datasheet HTML 4Page - California Eastern Labs UPC8195K Datasheet HTML 5Page - California Eastern Labs UPC8195K Datasheet HTML 6Page - California Eastern Labs UPC8195K Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BLOCK DIAGRAM (Units in mm)
IF out
IF outb
GND
(AGC,MIX)
I
Ib
VCONT
Lob
Vps
VCC
(Shifter)
Lo
Reg. &
AGC CTRL
LPF
freq. 1/2
+ phase
shifter
1
2
3
4
5
9
8
7
6
15
14
13
12
11
10
17
18
19
20
16
UPC8195K
MEASUEMENT CIRCUIT (Units in mm)
Qb
Q
180 nH
180 nH
1 nF
1 nF
1 nF 1 nF
9 pF
39 nH
VCC
VCC
1 F
µ
1 F
µ
IFout
I
Ib
VCC
1 F
µ
VCC
1 F
µ
1 F
µ
1 F
1nF
1nF
µ
1 F
µ
Phase
Shifter
(1/2)
REG. and
AGC_Control
TOKO
Type B4F
617DB-1024
LPF
Vcont
VPS
VCC
LOin
: AC connector
: DC terminal
In the case of ACPR, output noise level, EVM measurement, 1 nF capacitors
of I, Ib, Q, Qb are removed.
Remarks 1.
2.
PASSW
• UPC8191K: Mix = two pieces of Divide-by-2 F/F phase shifter (=3/4). Pin 4, 5 are for exteranl Tank circuit.
• UPC8195K: Only one piece of Divide-by-2 F/F phase shifter (=1/2). Pin 4, 5 are non -connection.


Numéro de pièce similaire - UPC8195K

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
168Kb / 7P
   TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
logo
NEC
UPC8195K-E1 NEC-UPC8195K-E1 Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
Renesas Technology Corp
UPC8195K-E1 RENESAS-UPC8195K-E1 Datasheet
309Kb / 22P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
More results

Description similaire - UPC8195K

FabricantNo de pièceFiches techniqueDescription
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
California Eastern Labs
UPC8191K CEL-UPC8191K Datasheet
168Kb / 7P
   TX-IF SiMMIC FOR 2-CDMA ACG I/Q MODULATOR
UPC8190K CEL-UPC8190K Datasheet
203Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8190K NEC-UPC8190K Datasheet
58Kb / 5P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
California Eastern Labs
UPC8194K CEL-UPC8194K Datasheet
207Kb / 7P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
NEC
UPC8194K NEC-UPC8194K Datasheet
61Kb / 6P
   RX-IF SiMMIC FOR W-CDMA AGC I/Q DEMODULATOR
logo
RF Micro Devices
RF9678 RFMD-RF9678 Datasheet
200Kb / 16P
   W-CDMA TRANSMIT MODULATOR AND IF AGC
RF9958 RFMD-RF9958 Datasheet
129Kb / 12P
   CDMA/FM TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Fujitsu Component Limit...
FAR-F6KA-1G9500-D4DG FUJITSU-FAR-F6KA-1G9500-D4DG Datasheet
182Kb / 5P
   W-CDMA I (2G) Tx
logo
EPCOS
B3669 EPCOS-B3669_1 Datasheet
97Kb / 9P
   SAW Tx filter W-CDMA IF
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com