Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NE350184C-T1 Fiches technique(PDF) 3 Page - California Eastern Labs

No de pièce NE350184C-T1
Description  HETERO JUNCTION FIELD EFFECT TRANSISTOR K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NE350184C-T1 Fiches technique(HTML) 3 Page - California Eastern Labs

  NE350184C-T1 Datasheet HTML 1Page - California Eastern Labs NE350184C-T1 Datasheet HTML 2Page - California Eastern Labs NE350184C-T1 Datasheet HTML 3Page - California Eastern Labs NE350184C-T1 Datasheet HTML 4Page - California Eastern Labs NE350184C-T1 Datasheet HTML 5Page - California Eastern Labs NE350184C-T1 Datasheet HTML 6Page - California Eastern Labs NE350184C-T1 Datasheet HTML 7Page - California Eastern Labs NE350184C-T1 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NE350184C
TYPICAL CHARACTERISTICS (TA = +25
°C)
Ambient Temperature TA (˚C)
vs. AMBIENT TEMPERATURE
TOTAL POWER DISSIPATION
250
200
150
100
50
0
50
100
150
200
250
80
60
40
20
0
–2.0
–1.0
0
Gate to Source Voltage VGS (V)
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
VDS = 2 V
10
15
0
5
20
25
30
Drain Current ID (mA)
ASSOCIATED GAIN vs. DRAIN CURRENT
MINIMUM NOISE FIGURE,
f = 20 GHz
VDS = 2 V
NFmin
Ga
VDS = 2 V
ID = 10 mA
NFmin
Ga
Drain to Source Voltage VDS (V)
DRAIN TO SOURCE VOLTAGE
DRAIN CURRENT vs.
100
20
40
60
80
0
1.0
2.0
VGS = 0 V
0.2 V
0.4 V
0.6 V
Mounted on Glass Epoxy PCB
(1.08 cm
2
× 1.0 mm (t) )
Frequency f (GHz)
ASSOCIATED GAIN vs. FREQUENCY
MINIMUM NOISE FIGURE,
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
20
12
14
16
18
6
8
10
2
4
0
25
15
10
5
20
0
10
15
0
5
20
25
30
Remark The graphs indicate nominal characteristics.
Data Sheet PG10584EJ01V0S
3


Numéro de pièce similaire - NE350184C-T1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NE350184C-T1 RENESAS-NE350184C-T1 Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
NE350184C-T1-A RENESAS-NE350184C-T1-A Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
NE350184C-T1A RENESAS-NE350184C-T1A Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
NE350184C-T1A-A RENESAS-NE350184C-T1A-A Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results

Description similaire - NE350184C-T1

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NE3514S02 CEL-NE3514S02 Datasheet
269Kb / 8P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3514S02 RENESAS-NE3514S02 Datasheet
202Kb / 11P
   K BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3517S03 CEL-NE3517S03 Datasheet
310Kb / 8P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
Renesas Technology Corp
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
NE3517S03 RENESAS-NE3517S03 Datasheet
208Kb / 11P
   K-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL GaAs HJ-FET
logo
NEC
NE202 NEC-NE202 Datasheet
329Kb / 9P
   ULTRA LOW NOISE K BAND HETERO JUNCTION FET
NE32000 NEC-NE32000 Datasheet
247Kb / 7P
   LOW COSET LOW NOISE K-BAND HETERO JUNCTION FET
NE434S01 NEC-NE434S01 Datasheet
77Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE23383 CEL-NE23383 Datasheet
26Kb / 3P
   SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ FET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com