Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WP443HDT Fiches technique(PDF) 4 Page - Kingbright Corporation

No de pièce WP443HDT
Description  2.4mm FLAT TOP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP443HDT Fiches technique(HTML) 4 Page - Kingbright Corporation

  WP443HDT Datasheet HTML 1Page - Kingbright Corporation WP443HDT Datasheet HTML 2Page - Kingbright Corporation WP443HDT Datasheet HTML 3Page - Kingbright Corporation WP443HDT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAE9392
REV NO: V.2
DATE: APR/18/2005
PAGE: 4 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1101004593
PACKING & LABEL SPECIFICATIONS
WP443HDT
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Numéro de pièce similaire - WP443HDT

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
WP443EDT KINGBRIGHT-WP443EDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443GDT KINGBRIGHT-WP443GDT Datasheet
110Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443IDT KINGBRIGHT-WP443IDT Datasheet
107Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443YDT KINGBRIGHT-WP443YDT Datasheet
109Kb / 4P
   2.4mm FLAT TOP LED LAMP
More results

Description similaire - WP443HDT

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
WP443GDT KINGBRIGHT-WP443GDT Datasheet
110Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443IDT KINGBRIGHT-WP443IDT Datasheet
107Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443EDT KINGBRIGHT-WP443EDT Datasheet
106Kb / 4P
   2.4mm FLAT TOP LED LAMP
WP443YDT KINGBRIGHT-WP443YDT Datasheet
109Kb / 4P
   2.4mm FLAT TOP LED LAMP
L443HDT KINGBRIGHT-L443HDT Datasheet
166Kb / 5P
   2.4mm FLAT TOP LED LAMPS
WP13YD KINGBRIGHT-WP13YD Datasheet
74Kb / 3P
   2mm FLAT TOP LED LAMP
WP1034HDT KINGBRIGHT-WP1034HDT Datasheet
109Kb / 4P
   2mm FLAT TOP LED LAMP
WP13ID KINGBRIGHT-WP13ID Datasheet
72Kb / 3P
   2mm FLAT TOP LED LAMP
logo
SunLED Corporation
LUY13D SUNLED-LUY13D Datasheet
181Kb / 4P
   2mm FLAT TOP LED LAMP
logo
Kingbright Corporation
WP1034GDT KINGBRIGHT-WP1034GDT Datasheet
113Kb / 4P
   2mm FLAT TOP LED LAMP
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com