Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WP73JB-YDA Fiches technique(PDF) 3 Page - Kingbright Corporation

No de pièce WP73JB-YDA
Description  4.8mm RIGHT ANGLE LED INDICATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP73JB-YDA Fiches technique(HTML) 3 Page - Kingbright Corporation

  WP73JB-YDA Datasheet HTML 1Page - Kingbright Corporation WP73JB-YDA Datasheet HTML 2Page - Kingbright Corporation WP73JB-YDA Datasheet HTML 3Page - Kingbright Corporation WP73JB-YDA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAF2057
REV NO: V.2
DATE: MAY/22/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102002077
Yellow
WP73JB/YDA


Numéro de pièce similaire - WP73JB-YDA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
WP73JB-GDA KINGBRIGHT-WP73JB-GDA Datasheet
247Kb / 4P
   4.8mm RIGHT ANGLE LED INDICATOR
WP73JB-IDA KINGBRIGHT-WP73JB-IDA Datasheet
247Kb / 4P
   4.8mm RIGHT ANGLE LED INDICATOR
WP73JB-SGDA KINGBRIGHT-WP73JB-SGDA Datasheet
367Kb / 5P
   4.8mm Single-Level Circuit Board Indicator
WP73JB-SRDA KINGBRIGHT-WP73JB-SRDA Datasheet
247Kb / 4P
   4.8mm RIGHT ANGLE LED INDICATOR
More results

Description similaire - WP73JB-YDA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
WP73JB-IDA KINGBRIGHT-WP73JB-IDA Datasheet
247Kb / 4P
   4.8mm RIGHT ANGLE LED INDICATOR
WP73JB-GDA KINGBRIGHT-WP73JB-GDA Datasheet
247Kb / 4P
   4.8mm RIGHT ANGLE LED INDICATOR
WP73JB-SRDA KINGBRIGHT-WP73JB-SRDA Datasheet
247Kb / 4P
   4.8mm RIGHT ANGLE LED INDICATOR
WP73EK-IDA KINGBRIGHT-WP73EK-IDA Datasheet
356Kb / 5P
   4.8mm RIGHT ANGLE LED INDICATOR
WP73EK-GDA KINGBRIGHT-WP73EK-GDA Datasheet
362Kb / 5P
   4.8mm RIGHT ANGLE LED INDICATOR
WP77EK-EGW KINGBRIGHT-WP77EK-EGW Datasheet
423Kb / 6P
   4.8mm RIGHT ANGLE LED INDICATOR
WP73EB-2GDA KINGBRIGHT-WP73EB-2GDA Datasheet
244Kb / 4P
   4.8mm BI-LEVEL LED INDICATOR
WP73EB-2SRDA KINGBRIGHT-WP73EB-2SRDA Datasheet
245Kb / 4P
   4.8mm BI-LEVEL LED INDICATOR
WP73EB-2YDA KINGBRIGHT-WP73EB-2YDA Datasheet
134Kb / 4P
   4.8mm BI-LEVEL LED INDICATOR
logo
LUMEX INC.
SSF-LXH2350GD LUMEX-SSF-LXH2350GD Datasheet
57Kb / 1P
   T-4.8mm LED, RIGHT ANGLE FAULT INDICATOR, 565nm GREEN LED, GREEN DIFFUSED LENS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com