Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP195 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC100EP195
Description  Clock Management Design Using Low Skew and Low Jitter Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP195 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC100EP195 Datasheet HTML 1Page - ON Semiconductor MC100EP195 Datasheet HTML 2Page - ON Semiconductor MC100EP195 Datasheet HTML 3Page - ON Semiconductor MC100EP195 Datasheet HTML 4Page - ON Semiconductor MC100EP195 Datasheet HTML 5Page - ON Semiconductor MC100EP195 Datasheet HTML 6Page - ON Semiconductor MC100EP195 Datasheet HTML 7Page - ON Semiconductor MC100EP195 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TND301
http://onsemi.com
5
Delay Lines
Delay Lines are used to synchronize clocks that travel
different distances within the Clock Management system
(see Figure 7). It is difficult in the card cage with a backplane
to distribute all clocks to all circuits using the same length
line. The position of the cards in the card cage makes this
impossible. One way to synchronize the clocks in a large
system is to use delay line circuits. The signal comes into the
device and is delayed by an amount determined by a
programmable input. This programmable input can be a
parallel word and/or a single analog voltage input.
Figure 7. Example of Clock Delay
1
1
N
Delay Line
Device
Short Lines
Long Lines
Programmable Input
MC100EP195
MC100EP196
Clock Dividers
Clock Dividers are required to reduce the frequency of
certain clocks within a system.
Figure 8. Example of Clock Division
Divide by 2
MC100EP195
MC100LVEP34
MC100EP139
MC100EP016
Divide by 2
MC100EP33
MC100LVEP34
MC100EP139
MC100EP016
Divide by 2
MC100LVEP34
MC100EP016


Numéro de pièce similaire - MC100EP195

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP195 ONSEMI-MC100EP195 Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC100EP195 ONSEMI-MC100EP195 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195BFAG ONSEMI-MC100EP195BFAG Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195BFAG ONSEMI-MC100EP195BFAG Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
More results

Description similaire - MC100EP195

FabricantNo de pièceFiches techniqueDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Integrated Circuit Syst...
ICS548-03 ICST-ICS548-03 Datasheet
75Kb / 4P
   Low Skew Clock Inverter and Divider
logo
Integrated Device Techn...
ICS548A-03 IDT-ICS548A-03 Datasheet
187Kb / 7P
   LOW SKEW CLOCK INVERTER AND DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com