Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR3715PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLR3715PBF
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRLR3715PBF Datasheet HTML 1Page - International Rectifier IRLR3715PBF Datasheet HTML 2Page - International Rectifier IRLR3715PBF Datasheet HTML 3Page - International Rectifier IRLR3715PBF Datasheet HTML 4Page - International Rectifier IRLR3715PBF Datasheet HTML 5Page - International Rectifier IRLR3715PBF Datasheet HTML 6Page - International Rectifier IRLR3715PBF Datasheet HTML 7Page - International Rectifier IRLR3715PBF Datasheet HTML 8Page - International Rectifier IRLR3715PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLR/U3715PbF
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

––– –––
p-n junction diode.
–––
0.9
1.3
V
TJ = 25°C, IS = 21A, VGS = 0V
ƒ
–––
0.8
–––
TJ = 125°C, IS = 21A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
37
56
ns
TJ = 25°C, IF = 21A, VR=20V
Qrr
Reverse Recovery Charge
–––
28
42
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
38
57
ns
TJ = 125°C, IF = 21A, VR=20V
Qrr
Reverse Recovery Charge
–––
30
45
nC
di/dt = 100A/µs
ƒ
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
110
mJ
IAR
Avalanche Current

–––
21
A
Avalanche Characteristics
S
D
G
Diode Characteristics
54
„
210
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
26
–––
–––
S
VDS = 10V, ID = 21A
Qg
Total Gate Charge
–––
11
17
ID = 21A
Qgs
Gate-to-Source Charge
–––
3.8
–––
nC
VDS = 10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
4.4
–––
VGS = 4.5V
Qoss
Output Gate Charge
–––
11
17
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
6.4
–––
VDD = 10V
tr
Rise Time
–––
73
–––
ID = 21A
td(off)
Turn-Off Delay Time
–––
12
–––
RG = 1.8Ω
tf
Fall Time
–––
5.1
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
––– 1060 –––
VGS = 0V
Coss
Output Capacitance
–––
700
–––
VDS = 10V
Crss
Reverse Transfer Capacitance
–––
120
–––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.022 –––
V/°C Reference to 25°C, ID = 1mA
–––
11
14
VGS = 10V, ID = 26A
ƒ
–––
15
20
VGS = 4.5V, ID = 21A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -16V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
m


Numéro de pièce similaire - IRLR3715PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR3715 IRF-IRLR3715 Datasheet
122Kb / 10P
   SMPS MOSFET
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715Z IRF-IRLR3715Z Datasheet
202Kb / 11P
   HEXFET Power MOSFET
IRLR3715Z IRF-IRLR3715Z Datasheet
211Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRLR3715Z KERSEMI-IRLR3715Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Description similaire - IRLR3715PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com