Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS174NSRG4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
SN74AS174NSRG4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 21 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9553701Q2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 5962-9553701QEA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 83019012A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 8301901EA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 8301901FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type 83019022A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type 8301902EA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type 8301902FA ACTIVE CFP W 16 1 TBD A42 N / A for Pkg Type JM38510/37201B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type JM38510/37201BEA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type JM38510/37202B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type JM38510/37202BEA ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN54ALS174J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN54ALS175J ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN54AS174J OBSOLETE CDIP J 16 TBD A42 SNPB N / A for Pkg Type SN54AS175BJ ACTIVE CDIP J 16 1 TBD A42 SNPB N / A for Pkg Type SN74ALS174D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174DR ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174DRE4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174DRG4 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174N ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74ALS174N3 OBSOLETE PDIP N 16 TBD Call TI Call TI SN74ALS174NE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type SN74ALS174NSR ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174NSRE4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS174NSRG4 ACTIVE SO NS 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS175D ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS175DE4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS175DG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS175DR ACTIVE SOIC D 16 2500 Green (RoHS & CU NIPDAU Level-1-260C-UNLIM PACKAGE OPTION ADDENDUM www.ti.com 4-Jun-2007 Addendum-Page 1 |
Numéro de pièce similaire - SN74AS174NSRG4 |
|
Description similaire - SN74AS174NSRG4 |