Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS175DRG4 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74ALS175DRG4 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 21 page SN54ALS174, SN54ALS175, SN54AS174, SN54AS175B SN74ALS174, SN74ALS175, SN74AS174, SN74AS175B HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR SDAS207E - APRIL 1982 - REVISED MAY 2002 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SN74ALS174N SN74ALS174N PDIP N Tube SN74AS174N SN74AS174N PDIP – N Tube SN74ALS175N SN74ALS175N SN74AS175BN SN74AS175BN Tube SN74ALS174D ALS174 Tape and reel SN74ALS174DR ALS174 Tube SN74AS174D AS174 0 °Cto70°C SOIC D Tape and reel SN74AS174DR AS174 0 °C to 70°C SOIC – D Tube SN74ALS175D ALS175 Tape and reel SN74ALS175DR ALS175 Tube SN74AS175BD AS175B Tape and reel SN74AS175BDR AS175B SN74ALS174NSR ALS174 SOP NS Tape and reel SN74AS174NSR 74AS174 SOP – NS Tape and reel SN74ALS175NSR ALS175 SN74AS175BNSR 74AS175B SNJ54ALS174J SNJ54ALS174J CDIP J Tube SNJ54AS174J SNJ54AS174J CDIP – J Tube SNJ54ALS175J SNJ54ALS175J SNJ54AS175BJ SNJ54AS175BJ –55 °C to 125°C CFP W Tube SNJ54ALS174W SNJ54ALS174W CFP – W Tube SNJ54ALS175W SNJ54ALS175W SNJ54ALS174FK SNJ54ALS174FK LCCC – FK Tube SNJ54AS174FK‡ SNJ54AS174FK SNJ54ALS175FK SNJ54ALS175FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ This orderable is not recommended for new designs. FUNCTION TABLE (each flip-flop) INPUTS OUTPUTS CLR CLK D Q Q§ L X X L H H ↑ HH L H ↑ LL H H L X Q0 Q0 § ’ALS175 and ’AS175B only |
Numéro de pièce similaire - SN74ALS175DRG4 |
|
Description similaire - SN74ALS175DRG4 |