Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBTLV3384PW Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CBTLV3384PW
Description  LOW-VOLTAGE 10-BIT FET BUS SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3384PW Fiches technique(HTML) 3 Page - Texas Instruments

  SN74CBTLV3384PW Datasheet HTML 1Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 2Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 3Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 4Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 5Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 6Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 7Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 8Page - Texas Instruments SN74CBTLV3384PW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74CBTLV3384
LOW VOLTAGE 10BIT FET BUS SWITCH
SCDS059G − MARCH 1998 − REVISED JUNE 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VIH
High-level control input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VIH
High-level control input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level control input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VIL
Low-level control input voltage
VCC = 2.7 V to 3.6 V
0.8
V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = −18 mA
−1.2
V
II
VCC = 3.6 V,
VI = VCC or GND
±1
µA
Ioff
VCC = 0,
VI or VO = 0 to 3.6 V
10
µA
ICC
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
10
µA
∆ICC‡ Control inputs VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
300
µA
Ci
Control inputs
VI = 3 V or 0
4.5
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
10
pF
VCC = 2.3 V,
VI = 0
II = 64 mA
5
8
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 0
II = 24 mA
5
8
ron§
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
27
40
ron§
VI = 0
II = 64 mA
5
7
VCC = 3 V
VI = 0
II = 24 mA
5
7
VCC = 3 V
VI = 2.4 V,
II = 15 mA
10
15
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by
the lower of the voltages of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd¶
A or B
B or A
0.15
0.25
ns
ten
OE
A or B
1
5
1
4.3
ns
tdis
OE
A or B
1
5.5
1
5.5
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Numéro de pièce similaire - SN74CBTLV3384PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV3384PW TI-SN74CBTLV3384PW Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results

Description similaire - SN74CBTLV3384PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A Datasheet
65Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com