Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT7805-40DL Fiches technique(PDF) 11 Page - Texas Instruments |
|
SN74ACT7805-40DL Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 16 page SN74ACT7805 256 × 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS201B – MARCH 1991 – REVISED APRIL 1998 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per FIFO channel Outputs enabled CL = 50 pF, f = 5 MHz 53 pF PARAMETER MEASUREMENT INFORMATION VOH VOL th tPLH tPHL Output Control Output Waveform 1 S1 at 7 V Output Waveform 2 S1 at Open tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V 1.5 V 1.5 V 3 V 0 V 1.5 V 1.5 V VOH VOL 0 V 1.5 V VOL + 0.3 V 1.5 V VOH – 0.3 V ≈ 0 V 1.5 V 3 V 0 V 1.5 V 1.5 V 0 V 3 V 0 V 1.5 V 1.5 V tw Input 3 V 3 V ≈ 3.5 V VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Timing Input Data Input Output Input S1 500 Ω LOAD CIRCUIT 500 Ω 7 V From Output Under Test Test Point CL = 50 pF (see Note A) tsu tPZH tPZL tPHZ tPLZ tPLH tPHL Open Closed Open Closed Open Open PARAMETER S1 ten tdis tpd NOTE A: CL includes probe and jig capacitance. Figure 5. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - SN74ACT7805-40DL |
|
Description similaire - SN74ACT7805-40DL |