Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC393DBRE4 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SN74HC393DBRE4
Description  DUAL 4-BIT BINARY COUNTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74HC393DBRE4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74HC393DBRE4 Datasheet HTML 5Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 6Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 7Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 8Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 9Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 10Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 11Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 12Page - Texas Instruments SN74HC393DBRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74HC393PWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC393PWRG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC393PWT
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC393PWTE4
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC393PWTG4
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54HC393FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54HC393J
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
SNJ54HC393W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Jun-2007
Addendum-Page 2


Numéro de pièce similaire - SN74HC393DBRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC393DBRE4 TI-SN74HC393DBRE4 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
More results

Description similaire - SN74HC393DBRE4

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com