Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM65MLVD202AD Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce SM65MLVD202AD
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD202AD Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SM65MLVD202AD Datasheet HTML 5Page - Texas Instruments SM65MLVD202AD Datasheet HTML 6Page - Texas Instruments SM65MLVD202AD Datasheet HTML 7Page - Texas Instruments SM65MLVD202AD Datasheet HTML 8Page - Texas Instruments SM65MLVD202AD Datasheet HTML 9Page - Texas Instruments SM65MLVD202AD Datasheet HTML 10Page - Texas Instruments SM65MLVD202AD Datasheet HTML 11Page - Texas Instruments SM65MLVD202AD Datasheet HTML 12Page - Texas Instruments SM65MLVD202AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
A/Y
B/Z
0 V or VCC
1.62 k
Ω , ±1%
VA, VB, VY or VZ
tc(n)
1/f0
0 V
0 V
Period Jitter
0 V Diff
Peak to Peak Jitter
1/f0
PRBS INPUT
OUTPUT
VA -VB or VY -VZ
VA -VB or VY -VZ
CLOCK
INPUT
IDEAL
OUTPUT
ACTUAL
OUTPUT
VCC
VCC/2
tjit(per) = tc(n) -1/f0
tjit(pp)
0 V
VCC
VCC/2
0 V
VA -VB or VY -VZ
VA -VB or VY -VZ
(VA + VB)/2
IO
R
VCM
VO
VID
VA
IA
A
B
IB
VB
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573 – DECEMBER 2003
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Maximum Steady State Output Voltage
A.
All input pulses are supplied by an Agilent 81250 Stimulus System.
B.
The measurement is made on a TEK TDS6604 running TDSJIT3 application software
C.
Period jitter is measured using a 50 MHz 50
±1% duty cycle clock input.
D.
Peak-to-peak jitter is measured using a 100Mbps 215–1 PRBS input.
Figure 8. Driver Jitter Measurement Waveforms
Figure 9. Receiver Voltage and Current Definitions
9
Submit Documentation Feedback


Numéro de pièce similaire - SM65MLVD202AD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SM65MLVD202AD TI-SM65MLVD202AD Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Description similaire - SM65MLVD202AD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com