Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-7843 Fiches technique(PDF) 2 Page - California Eastern Labs

No de pièce MC-7843
Description  HIGH GAIN CATV POWER DOUBLER AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7843 Fiches technique(HTML) 2 Page - California Eastern Labs

  MC-7843 Datasheet HTML 1Page - California Eastern Labs MC-7843 Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MC-7842, MC-7843
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES
• Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only)
• Internet: http://WWW.CEL.COM
07/10/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Maximum single channel power applied to the input for 1 minute
with no measurable degradation in performance.
ABSOLUTE MAXIMUM RATINGS1 (TCASE= 30 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDD
Supply Voltage
V
30
Vi
Input Voltage2
dBmV
65
TC
Operating Case Temperature
°C
-30 to +100
TSTG
Storage Temperature
°C
-40 to +100
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
1. The space between PC board and root of the lead should be
kept more than 1 mm to prevent undesired stress on the lead and
also should be kept less than 4 mm to prevent undesired parasitic
inductance.
Recommended space is 2.0 to 3.0 mm typical.
2. Recommended torque strength of the screw is 59 to 78 Ncm.
3. Form the ground pattern as wide as possible to minimize ground
impedance. (to prevent undesired oscillation)
All the ground pins must be connected together with wide ground
pattern to decrease impedance difference.
NOTES ON CORRECT USE
This product should be soldered in the following recommended
conditions. Other soldering methods and conditions than the
recommended conditions are to be consulted with our sales
representatives.
RECOMMENDED SOLDERING CONDITIONS
Soldering
Soldering
Condition
Method
Conditions
Symbol
Pin Part Heating
Pin area temperature: less
than 260°C1
Hour: Within 2 sec./pin
Note.
1. The point of pin part heating must be kept at a distance of more
than 1.2 mm from the root of lead.
Note:
1. Test Condition: 110 channels, 10 dB tilted across the band.
RECOMMENDED OPERATING CONDITIONS
(ZS= ZL= 75Ω)
SYMBOLS
PARAMETERS
UNITS
MIN
TYP MAX
VDD
Supply Voltage
V
23.5
24.0 24.5
Vi
Input Voltage1
MC-7842
dBmV
27.0 31.5
MC-7843
dBmV
25.0 29.5
TC
Operating Case
°C
-30
+25
+85
Temperature


Numéro de pièce similaire - MC-7843

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-7843 NEC-MC-7843 Datasheet
29Kb / 2P
   HIGH GAIN CATV POWER DOUBLER AMPLIFIER
More results

Description similaire - MC-7843

FabricantNo de pièceFiches techniqueDescription
logo
NEC
MC-7842 NEC-MC-7842 Datasheet
29Kb / 2P
   HIGH GAIN CATV POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
ACA3753 ANADIGICS-ACA3753 Datasheet
398Kb / 4P
   870 MHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3754 ANADIGICS-ACA3754 Datasheet
444Kb / 4P
   870 MHz, 28 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA3748 SKYWORKS-ACA3748 Datasheet
531Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA2788 ANADIGICS-ACA2788 Datasheet
364Kb / 4P
   1 GHz, 28 dB Gain CATV Power Doubler Amplifier
ACA3747 ANADIGICS-ACA3747 Datasheet
607Kb / 6P
   870 MHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA2788 SKYWORKS-ACA2788 Datasheet
478Kb / 6P
   1 GHz, 28 dB Gain CATV Power Doubler Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com