Moteur de recherche de fiches techniques de composants électroniques |
|
AM2520SURCK08 Fiches technique(PDF) 2 Page - Kingbright Corporation |
|
AM2520SURCK08 Fiches technique(HTML) 2 Page - Kingbright Corporation |
2 / 4 page SPEC NO: DSAD1267 REV NO: V.2 DATE: MAR/05/2005 PAGE: 2 OF 4 APPROVED: J. Lu CHECKED: Allen Liu DRAWN: W.J.ZHU ERP:1202000702 Selection Guide Note: 1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. Part No. Dice Lens Type Iv (mcd) @ 20 mA Viewing Angle Min. Typ. 2 θθθθ1/2 AM2520SURCK08 HYPER RED (InGaAlP) WATER CLEAR 180 650 20 ° Electrical / Optical Characteristics at TA=25°C Symbol Parameter Device Typ. Max. Test Conditions Units λpeak Peak Wavelength Hyper Red 650 nm IF=20mA λD Dominant Wavelength Hyper Red 635 nm IF=20mA ∆λ1/2 Spectral Line Half-width Hyper Red 28 nm IF=20mA C Capacitance Hyper Red 35 pF VF=0V;f=1MHz VF Forward Voltage Hyper Red 1.95 2.5 V IF=20mA IR Reverse Current Hyper Red 10 uA VR = 5V Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. Absolute Maximum Ratings at TA=25°C Parameter Hyper Red Units Power dissipation 170 mW DC Forward Current 30 mA Peak Forward Current [1] 185 mA Reverse Voltage 5 V Operating / Storage Temperature -40°C To +85°C |
Numéro de pièce similaire - AM2520SURCK08 |
|
Description similaire - AM2520SURCK08 |