Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3619-33DGKRG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3619-33DGKRG4
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3619-33DGKRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS3619-33DGKRG4 Datasheet HTML 3Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 4Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 5Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 6Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 7Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 8Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 9Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 10Page - Texas Instruments TPS3619-33DGKRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
500
600
700
800
900
1000
50
75
100
125
150
175
200
TA = 85°C
TA = 25°C
TA = 0°C
TA = −40°C
VDD = 3.3 V
VBAT = GND
IO − Output Current − mA
5
10
15
20
2.5
4.5
6.5
8.5
10.5
12.5
14.5
TA = 85°C
TA = 25°C
TA = 0°C
TA = −40°C
IO − Output Current − mA
VBAT = 3.3 V
7.5
12.5
17.5
0.995
0.996
0.997
0.998
0.999
1
1.001
−40 −30 −20 −10 0 10 20 30 40 50 60 70 80
TA − Free-Air Temperature − °C
0
5
10
15
20
25
30
0
1
2
3
4
5
6
TA = −40°C
TA = 25°C
TA = 85°C
TA = 0°C
VDD − Supply Voltage − V
VBAT Mode
VBAT = 2.6 V
VDD Mode
VBAT = GND
or
TPS3619-33
,, TPS3619-50
TPS3620-33, TPS3620-50
SLVS387G – APRIL 2001 – REVISED DECEMBER 2006
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
(VDD to VOUT)
(VBAT to VOUT)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
SUPPLY CURRENT
NORMALIZED THRESHOLD AT RESET
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 3.
Figure 4.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPS3619-33DGKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3619-33DGKRG4 TI1-TPS3619-33DGKRG4 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Description similaire - TPS3619-33DGKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com