Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3620-50DGK Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS3620-50DGK
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3620-50DGK Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS3620-50DGK Datasheet HTML 6Page - Texas Instruments TPS3620-50DGK Datasheet HTML 7Page - Texas Instruments TPS3620-50DGK Datasheet HTML 8Page - Texas Instruments TPS3620-50DGK Datasheet HTML 9Page - Texas Instruments TPS3620-50DGK Datasheet HTML 10Page - Texas Instruments TPS3620-50DGK Datasheet HTML 11Page - Texas Instruments TPS3620-50DGK Datasheet HTML 12Page - Texas Instruments TPS3620-50DGK Datasheet HTML 13Page - Texas Instruments TPS3620-50DGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
DETAILED DESCRIPTION
Battery Freshness Seal (TPS3619)
Power-Fail Comparator (PFI and PFO)
Backup-Battery Switchover
TPS3619-33
,, TPS3619-50
TPS3620-33, TPS3620-50
SLVS387G – APRIL 2001 – REVISED DECEMBER 2006
The battery freshness seal of the TPS3619 family disconnects the backup-battery from internal circuitry until it is
needed. This function prevents the backup-battery from being discharged unitl the final product is put to use.
The following steps explain how to enable the freshness seal mode.
1. Connect VBAT (VBAT > VBAT min)
2. Ground PFO
3. Connect PFI to VDD (PFI = VDD)
4. Connect VDD to power supply (VDD > VIT) and keep connected for 5 ms < t < 35 ms
The battery freshness seal mode is automatically removed by the positive-going edge of RESET when VDD is
applied.
An additional comparator is provided to monitor voltages other than the nominal supply voltage. The
power-fail-input (PFI) is compared with an internal voltage reference of 1.15 V. If the input voltage falls below the
power-fail threshold VIT(PFI) of typical 1.15 V, the power-fail output (PFO) goes low. If VIT(PFI) goes above V(PFI),
plus about 12-mV hysteresis, the output returns to high. By connecting two external resistors, it is possible to
supervise any voltages above V(PFI). The sum of both resistors should be about 1 MΩ, to minimize power
consumption and also to assure that the current in the PFI pin can be ignored compared with the current through
the resistor network. The tolerance of the external resistors should be not more than 1% to ensure minimal
variation of sensed voltage. If the power-fail comparator is unused, PFI should be connected to ground and PFO
left unconnected.
In case of a brownout or power failure, it may be necessary to preserve the contents of RAM. If a backup battery
is installed at VBAT, the device automatically switches the connected RAM to backup power when VDD fails. In
order to allow the backup battery (e.g., a 3.6-V lithium cell) to have a higher voltage than VDD, these supervisors
do not connect VBAT to VOUT when VBAT is greater than VDD. VBAT only connects to VOUT (through a 15-Ω switch)
when VDD falls below VIT and VBAT is greater than VDD. When VDD recovers, switchover is deferred either until
VDD crosses VBAT, or until VDD rises above the reset threshold VIT. VOUT connects to VDD through a 1-Ω (max)
PMOS switch when VDD crosses the reset threshold.
FUNCTION TABLE
VDD > VBAT
VDD > VIT
VOUT
1
1
VDD
1
0
VDD
0
1
VDD
0
0
VBAT
10
Submit Documentation Feedback


Numéro de pièce similaire - TPS3620-50DGK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3620-50DGKR TI1-TPS3620-50DGKR Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3620-50DGKT TI1-TPS3620-50DGKT Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3620-50DGKTG4 TI1-TPS3620-50DGKTG4 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Description similaire - TPS3620-50DGK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com