Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3620-50DGKT Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3620-50DGKT
Description  BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3620-50DGKT Fiches technique(HTML) 4 Page - Texas Instruments

  TPS3620-50DGKT Datasheet HTML 1Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 2Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 3Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 4Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 5Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 6Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 7Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 8Page - Texas Instruments TPS3620-50DGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
TPS3619-33
,, TPS3619-50
TPS3620-33, TPS3620-50
SLVS387G – APRIL 2001 – REVISED DECEMBER 2006
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating conditions (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level input current
MR = 0.7 x VDD
–33
–76
MR
VDD = 5 V
µA
IIL
Low-level input current
MR = 0 V
–110
–255
II
Input current
PFI
–25
25
nA
VDD = 1.8 V
–0.3
IOS
Short-circuit current
PFO
PFO = 0 V
VDD = 3.3 V
–1.1
mA
VDD = 5 V
–2.4
VOUT = VDD
40
IDD
VDD supply current
µA
VOUT = VBAT
40
VOUT = VDD
–0.1
0.1
I(BAT)
VBAT supply current
µA
VOUT = VBAT
0.5
Ci
Input capacitance
VI = 0 V to 5 V
5
pF
At R
L = 1 MΩ, CL = 50 pF, TA = –40°C to +85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
at VDD
VIH = VIT + 0.2 V, VIL = VIT – 0.2 V
6
µs
tw
Pulse width
at MR
VDD = VIT + 0.2 V, VIL = 0.3 x VDD, VIH = 0.7 x VDD
100
ns
At R
L = 1 MΩ, CL= 50 pF, TA= –40°C to +85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD ≥ VIT+ 0.2 V, MR ≥ 0.7 x VDD
td
Delay time
60
100
140
ms
See timing diagram
VDD to RESET
VIL = VIT – 0.2 V, VIH = VIT + 0.2 V
2
5
Propagation (delay) time,
PFI to PFO delay
VIL = VPFI – 0.2 V, VIH = VPFI + 0.2 V
3
5
tPHL
µs
high-to-low level output
VDD ≥ VIT+ 0.2 V, VIL= 0.3 x VDD,
0.1
1
MR to RESET
VIH = 0.7 x VDD
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS3620-50DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3620-50DGKT TI1-TPS3620-50DGKT Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3620-50DGKTG4 TI1-TPS3620-50DGKTG4 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
More results

Description similaire - TPS3620-50DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com