Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3610U18 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPS3610U18
Description  BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3610U18 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS3610U18 Datasheet HTML 2Page - Texas Instruments TPS3610U18 Datasheet HTML 3Page - Texas Instruments TPS3610U18 Datasheet HTML 4Page - Texas Instruments TPS3610U18 Datasheet HTML 5Page - Texas Instruments TPS3610U18 Datasheet HTML 6Page - Texas Instruments TPS3610U18 Datasheet HTML 7Page - Texas Instruments TPS3610U18 Datasheet HTML 8Page - Texas Instruments TPS3610U18 Datasheet HTML 9Page - Texas Instruments TPS3610U18 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TPS3610U18, TPS3610T50
BATTERY BACKUP SUPERVISORS FOR RAM RETENTION
SLVS327B – DECEMBER 2000 – REVISED DECEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BATTOK
9
O
Battery status output
BATTON
6
O
Logic output/external bypass switch driver output
CEIN
5
I
Chip-enable input
CEOUT
10
O
Chip-enable output
GND
3
I
Ground
LOWLINE
11
O
Early power-fail warning output
MSWITCH
4
I
Manual switch to force device into battery-backup mode
VOUT
1
O
Supply output
PFI
7
I
Power-fail comparator input
PFO
8
O
Power-fail comparator output
RESET
13
O
Active-low reset output
VBAT
14
I
Backup-battery input
VDD
2
I
Input supply voltage
WDI
12
I
Watchdog timer input
detailed description
battery freshness seal
The battery freshness seal of the TPS3610 family disconnects the backup battery from internal circuitry until
it is needed. This function ensures that the backup battery connected to VBAT is fresh when the final product
is put to use. The following steps explain how to enable the freshness seal mode:
1.
Connect VBAT (VBAT > VBATmin)
2.
Ground PFO
3.
Connect PFI to VDD (PFI = VDD)
4.
Connect VDD to power supply (VDD > VIT) and keep connected for 5 ms < t < 35 ms
The battery freshness seal mode is disabled by the positive-going edge of RESET when VDD is applied.
BATTOK output
BATTOK is a logic feedback of the device to indicate the status of the backup battery. The supervisor checks
the battery voltage every 200 ms with a voltage divider load of approximately 100 k
Ω and a measurement cycle
on-time of 25
µs. The measurement cycle starts after the reset is released. If the battery voltage VBAT is below
the negative-going threshold voltage VIT(BOK), the indicator BATTOK does a high-to-low transition. Otherwise
it retains its status to VDD level.
25
µs
IBAT
200 ms
100
µA
t
Figure 1. BATTOK Timing


Numéro de pièce similaire - TPS3610U18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3610U18 TI1-TPS3610U18 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PW TI1-TPS3610U18PW Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PW TI1-TPS3610U18PW Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PWG4 TI1-TPS3610U18PWG4 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PWR TI1-TPS3610U18PWR Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Description similaire - TPS3610U18

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com