Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIC74100-Q1 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPIC74100-Q1
Description  BUCK/BOOST SWITCH-MODE REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPIC74100-Q1 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPIC74100-Q1 Datasheet HTML 6Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 7Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 8Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 9Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 10Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 11Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 12Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 13Page - Texas Instruments TPIC74100-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
Modulator Frequency Setting (Terminal Rmod)
Ground Terminal (PGND)
Enable Terminal (ENABLE)
Bootstrap Terminals (Cboot1 and Cboot2)
Functional Modes
Clock Modulator
Buck/Boost Transitioning
TPIC74100-Q1
BUCK/BOOST SWITCH-MODE REGULATOR
SLIS125 – DECEMBER 2006
See the converter efficiency plots in the Typical Characteristics section to determine power dissipation.
The Rmod terminal adjusts the clock modulator frequency. A resistor of Rmod = 12 kΩ generates a modulation
frequency of 28 kHz. The modulator function may be disabled by connecting Rmod to GND and the device
operates with the nominal frequency. The modulator function cannot be activated during IC operation, only at IC
start-up.
The PGND terminal is the power ground for the device.
The ENABLE terminal allows the enabling and disabling of the switch mode regulator. A maximum of 40 V may
be applied to this terminal to enable the device and increasing it above the V(driver) input voltage does not affect
the device operation.
The functionality of the ENABLE terminal is described in the following table:
ENABLE
Function
0
Vreg is off.
Open
Undefined
1
Vreg is on.
An external bootstrap capacitor is required for driving the internal high-side MOSFET switch. A 4.7-nF ceramic
capacitor is typically required.
To minimize EMI issues associated with the switch-mode regulator, the device offers an integrated clock
modulator. The function of the clock modulator is to modulate the switching frequency and to distribute the
energy over the wave band.
The average switching frequency is 440 kHz (typical) and varies between 330 kHz and 550 kHz at a rate set by
the Rmod resistor. A typical value of 12 kΩ on the Rmod terminal relates to a 28-kHz modulation frequency. The
clock modulator function can only be activated during IC start-up, not during IC operation.
The equation for the modulation frequency is as follows:
f(mod) (Hz) = (–2.2 × Rmod) + 54.5 kHz, when Rmod = 8 kΩ to 16 kΩ
The operation mode switches automatically between buck and boost modes depending on the input voltage of
V(driver) and output load conditions. During start up, when V(driver) is less than 5.8 V (typical), the device starts in
boost mode and continues to run in boost mode until V(driver) exceeds 5.8 V; at which time, the device switches
over to buck mode. In buck mode, the device continues to run in buck mode until it is required to switch back to
boost to hold regulation. This crossover window to switch to boost mode is when V(driver) is between 5.8 V and
5 V and depends on the loading conditions. When Vdriver drops below 5.8 V but the device is holding regulation
(~2%), the device remains in buck mode. However, when V(driver) is within the 5.8-V to 5-V window and VOUT
drops to 4.9 V, the device crosses over to boost mode to hold regulation. In boost mode, the device remains in
boost mode until V(driver) exceeds 5.8 V; at which time, the device enters the buck mode. When the device is
10
Submit Documentation Feedback


Numéro de pièce similaire - TPIC74100-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
TPIC74101QPWPRQ1 TI1-TPIC74101QPWPRQ1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
More results

Description similaire - TPIC74100-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
[Old version datasheet]   BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI-TPIC74101-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPIC74101-Q1 Buck and Boost Switch-Mode Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
TPS55065-Q1 TI-TPS55065-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS55065-Q1 Buck and Boost Switched-Mode Regulator
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
   Buck or buck-boost pre-regulator
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
   Inductorless -2x Boost/Buck Regulator
2002
logo
ON Semiconductor
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
   TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com