Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP470R1B512PGE Fiches technique(PDF) 9 Page - Analog Devices

No de pièce TMP470R1B512PGE
Description  16/32-Bit RISC Flash Microcontroller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

TMP470R1B512PGE Fiches technique(HTML) 9 Page - Analog Devices

Back Button TMP470R1B512PGE Datasheet HTML 5Page - Analog Devices TMP470R1B512PGE Datasheet HTML 6Page - Analog Devices TMP470R1B512PGE Datasheet HTML 7Page - Analog Devices TMP470R1B512PGE Datasheet HTML 8Page - Analog Devices TMP470R1B512PGE Datasheet HTML 9Page - Analog Devices TMP470R1B512PGE Datasheet HTML 10Page - Analog Devices TMP470R1B512PGE Datasheet HTML 11Page - Analog Devices TMP470R1B512PGE Datasheet HTML 12Page - Analog Devices TMP470R1B512PGE Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
www.ti.com
TMS470R1B512
16/32-Bit RISC Flash Microcontroller
SPNS107A – SEPTEMBER 2005 – REVISED AUGUST 2006
Table 2. Terminal Functions (continued)
TERMINAL
INTERNAL
TYPE(1)(2)
PULLUP/
DESCRIPTION
NAME
NO.
PULLDOWN(3)
MULTI-BUFFERED ANALOG-TO-DIGITAL CONVERTER (MibADC) (CONTINUED)
ADIN[13]
112
ADIN[14]
110
3.3-V I
MibADC analog input pins
ADIN[15]
103
ADREFHI
116
3.3-V REF I
MibADC module high-voltage reference input
ADREFLO
117
GND REF I
MibADC module low-voltage reference input
VCCAD
118
3.3-V PWR
MibADC analog supply voltage
VSSAD
119
GND
MibADC analog ground reference
SERIAL PERIPHERAL INTERFACE 1 (SPI1)
SPI1CLK
5
SPI1 clock. SPI1CLK can be programmed as a GIO pin.
SPI1ENA
1
SPI1 chip enable. SPI1ENA can be programmed as a GIO pin.
SPI1SCS
2
SPI1 slave chip select. SPI1SCS can be programmed as a GIO pin.
3.3-V I/O
IPD (20
µA)
SPI1 data stream. Slave in/master out. SPI1SIMO can be programmed as
SPI1SIMO
3
a GIO pin.
SPI1 data stream. Slave out/master in. SPI1SOMI can be programmed as
SPI1SOMI
4
a GIO pin.
SERIAL PERIPHERAL INTERFACE 2 (SPI2)
SPI2CLK
62
SPI2 clock. SPI2CLK can be programmed as a GIO pin.
SPI2ENA
65
SPI2 chip enable. SPI2ENA can be programmed as a GIO pin.
SPI2SCS
66
SPI2 slave chip select. SPI2SCS can be programmed as a GIO pin.
3.3-V I/O
IPD (20
µA)
SPI2 data stream. Slave in/master out. SPI2SIMO can be programmed as
SPI2SIMO
63
a GIO pin.
SPI2 data stream. Slave out/master in. SPI2SOMI can be programmed as
SPI2SOMI
64
a GIO pin.
SERIAL PERIPHERAL INTERFACE 3 (SPI3)
SPI3CLK
94
SPI3 clock. SPI3CLK can be programmed as a GIO pin.
SPI3ENA
98
SPI3 chip enable. SPI3ENA can be programmed as a GIO pin.
SPI3SCS
97
SPI3 slave chip select. SPI3SCS can be programmed as a GIO pin.
3.3-V I/O
IPD (20
µA)
SPI3 data stream. Slave in/master out. SPI3SIMO can be programmed as
SPI3SIMO
96
a GIO pin.
SPI3 data stream. Slave out/master in. SPI3SOMI can be programmed as
SPI3SOMI
95
a GIO pin.
ZERO-PIN PHASE-LOCKED LOOP (ZPLL)
OSCIN
13
1.8-V I
Crystal connection pin or external clock input
OSCOUT
12
1.8-V O
External crystal connection pin
Enable/disable the ZPLL. The ZPLL can be bypassed and the oscillator
becomes the system clock. If not in bypass mode, TI recommends that this
PLLDIS
73
3.3-V I
IPD (20
µA)
pin be connected to ground or pulled down to ground by an external
resistor.
SERIAL COMMUNICATIONS INTERFACE 1 (SCI1)
SCI1CLK
89
3.3-V I/O
IPD (20
µA)
SCI1 clock. SCI1CLK can be programmed as a GIO pin.
SCI1RX
91
3.3-V I/O
IPU (20
µA)
SCI1 data receive. SCI1RX can be programmed as a GIO pin.
SCI1TX
90
3.3-V I/O
IPU (20
µA)
SCI1 data transmit. SCI1TX can be programmed as a GIO pin.
SERIAL COMMUNICATIONS INTERFACE 2 (SCI2)
SCI2CLK
45
3.3-V I/O
IPD (20
µA)
SCI2 clock. SCI2CLK can be programmed as a GIO pin.
SCI2RX
43
3.3-V I/O
IPU (20
µA)
SCI2 data receive. SCI2RX can be programmed as a GIO pin.
SCI2TX
44
3.3-V I/O
IPU (20
µA)
SCI2 data transmit. SCI2TX can be programmed as a GIO pin.
9
Submit Documentation Feedback


Numéro de pièce similaire - TMP470R1B512PGE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP470R1B768PGE TI-TMP470R1B768PGE Datasheet
445Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMP470R1B768PGE TI-TMP470R1B768PGE Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Description similaire - TMP470R1B512PGE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com