Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR1581ARTZ-REEL Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADR1581ARTZ-REEL
Description  1.25 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR1581ARTZ-REEL Fiches technique(HTML) 3 Page - Analog Devices

  ADR1581ARTZ-REEL Datasheet HTML 1Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 2Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 3Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 4Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 5Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 6Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 7Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 8Page - Analog Devices ADR1581ARTZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADR1581
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = 25°C, IIN = 100 μA, unless otherwise noted.
Table 1.
ADR1581A
ADR1581B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
REVERSE VOLTAGE OUTPUT (SOT-23)
1.240
1.250
1.260
1.2485
1.250
1.2515
V
REVERSE VOLTAGE TEMPERATURE DRIFT
−40°C to +85°C
100
50
ppm/°C
MINIMUM OPERATING CURRENT, TMIN to TMAX
60
60
μA
REVERSE VOLTAGE CHANGE WITH REVERSE CURRENT
60 μA < IIN < 10 mA, TMIN to TMAX
2.5
6
2.5
6
mV
60 μA < IIN < 1 mA, TMIN to TMAX
0.8
0.8
mV
DYNAMIC OUTPUT IMPEDANCE (∆VR/ΔIR)
IIN = 1 mA ± 100 μA (f = 120 Hz)
0.4
1
0.4
0.5
Ω
OUTPUT NOISE
RMS Noise Voltage: 10 Hz to 10 kHz
20
20
μV rms
Low Frequency Noise Voltage: 0.1 Hz to 10 Hz
4.5
4.5
μV p-p
TURN-ON SETTLING TIME TO 0.1%1
5
5
μs
OUTPUT VOLTAGE HYSTERESIS2
80
80
μV
TEMPERATURE RANGE
Specified Performance, TMIN to TMAX
−40
+85
−40
+85
°C
Operating Range3
−55
+125
−55
+125
°C
1 Measured with a no load capacitor.
2 Output hysteresis is defined as the change in the +25°C output voltage after a temperature excursion to −40°C, then to +85°C, and back to +25°C.
3 The operating temperature range is defined as the temperature extremes at which the device continues to function. Parts may deviate from their specified
performance.


Numéro de pièce similaire - ADR1581ARTZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR1581ARTZ-REEL71 AD-ADR1581ARTZ-REEL71 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
More results

Description similaire - ADR1581ARTZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com