Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9910 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9910
Description  1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9910 Fiches technique(HTML) 5 Page - Analog Devices

  AD9910 Datasheet HTML 1Page - Analog Devices AD9910 Datasheet HTML 2Page - Analog Devices AD9910 Datasheet HTML 3Page - Analog Devices AD9910 Datasheet HTML 4Page - Analog Devices AD9910 Datasheet HTML 5Page - Analog Devices AD9910 Datasheet HTML 6Page - Analog Devices AD9910 Datasheet HTML 7Page - Analog Devices AD9910 Datasheet HTML 8Page - Analog Devices AD9910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
AD9910
Rev. 0 | Page 5 of 60
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
AVDD (1.8 V) and DVDD (1.8 V) = 1.8 V ± 5%, AVDD (3.3 V) = 3.3 V ± 5%, DVDD_I/O = 3.3 V ± 5%, T = 25°C, RSET = 10 kΩ,
IOUT = 20 mA, external reference clock frequency = 1000 MHz with REFCLK multiplier disabled, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
REF_CLK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier
Disabled
25
1000
MHz
Enabled
3.2
60
MHz
Maximum REFCLK Input Divider Frequency
Full temperature range
1500
1900
MHz
Minimum REFCLK Input Divider Frequency
Full temperature range
25
35
MHz
External Crystal
25
MHz
Input Capacitance
3
pF
Input Impedance
Differential
2.8
Single-ended
1.4
Duty Cycle
REFCLK multiplier disabled
45
55
%
REFCLK multiplier enabled
40
60
%
REF_CLK Input level
Single-ended
50
1000
mV p-p
Differential
100
2000
mV p-p
REFCLK MULTIPLIER VCO CHARACTERISTICS
VCO Gain (KV) @ Center Frequency
VCO range Setting 0
429
MHz/V
VCO range Setting 1
500
MHz/V
VCO range Setting 2
555
MHz/V
VCO range Setting 3
750
MHz/V
VCO range Setting 4
789
MHz/V
VCO range Setting 51
850
MHz/V
REFCLK_OUT CHARACTERISTICS
Maximum Capacitive Load
20
pF
Maximum Frequency
25
MHz
DAC OUTPUT CHARACTERISTICS
Full-Scale Output Current
8.6
20
31.6
mA
Gain Error
−10
+10
%FS
Output Offset
2.3
μA
Differential Nonlinearity
0.8
LSB
Integral Nonlinearity
1.5
LSB
Output Capacitance
5
pF
Residual Phase Noise
@ 1 kHz offset, 20 MHz AOUT
REFCLK Multiplier
Disabled
−152
dBc/Hz
Enabled @ 20×
−140
dBc/Hz
Enabled @ 100×
−140
dBc/Hz
Voltage Compliance Range
−0.5
+0.5
V
Wideband SFDR
See the Typical Performance
Characteristics section
Narrow-Band SFDR
50.1 MHz Analog Output
±500 kHz
–87
dBc
±125 kHz
–87
dBc
±12.5 kHz
–96
dBc
101.3 MHz Analog Output
±500 kHz
–87
dBc
±125 kHz
–87
dBc
±12.5 kHz
–95
dBc


Numéro de pièce similaire - AD9910

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910 Datasheet
390Kb / 3P
   Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
AD9910 AD-AD9910 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910BSVZ AD-AD9910BSVZ Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910BSVZ-REEL AD-AD9910BSVZ-REEL Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
More results

Description similaire - AD9910

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9858 AD-AD9858 Datasheet
1Mb / 32P
   1 GSPS Direct Digital Synthesizer
REV. A
AD9858 AD-AD9858_15 Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
AD9953 AD-AD9953_17 Datasheet
648Kb / 32P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9954 AD-AD9954_17 Datasheet
742Kb / 40P
   400MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com