Moteur de recherche de fiches techniques de composants électroniques |
|
AD7366BRUZ-500RL7 Fiches technique(PDF) 7 Page - Analog Devices |
|
AD7366BRUZ-500RL7 Fiches technique(HTML) 7 Page - Analog Devices |
7 / 28 page AD7366/AD7367 Rev. 0 | Page 7 of 28 TIMING SPECIFICATIONS AVCC = DVCC = 4.75 V to 5.25 V, VDD = 11.5 V to 16.5 V, VSS = −16.5 V to −11.5 V, VDRIVE = 2.7 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted.1 Table 4. Limit at TMIN, TMAX Parameter 2.7 V ≤ VDRIVE < 4.75 V 4.75 V ≤ VDRIVE ≤ 5.25 V Unit Test Conditions/Comments tCONVERT Conversion time, internal clock. CONVST falling edge to BUSY falling edge 680 680 ns max For the AD7367 610 610 ns max For the AD7366 fSCLK 10 10 kHz min Frequency of serial read clock 35 48 MHz max tQUIET 30 30 ns min Minimum quiet time required between the end of serial read and the start of the next conversion t1 10 10 ns min Minimum CONVST low pulse t2 40 40 ns min CONVST falling edge to BUSY rising edge t3 0 0 ns min BUSY falling edge to MSB valid once CS is low for t4 prior to BUSY going low t4 10 10 ns max Delay from CS falling edge until Pin 1 (DOUTA) and Pin 23 (DOUTB) are three-state disabled t52 20 14 ns max Data access time after SCLK falling edge t6 7 7 ns min SCLK to data valid hold time t7 0.3 × tSCLK 0.3 × tSCLK ns min SCLK low pulse width t8 0.3 × tSCLK 0.3 × tSCLK ns min SCLK high pulse width t9 10 10 ns max CS rising edge to DOUTA, DOUTB, high impedance tPOWER-UP 70 70 μs Power up time from shutdown mode; time required between CONVST rising edge and CONVST falling edge 1 Sample tested during initial release to ensure compliance. All input signals are specified with tR = tF = 5 ns (10% to 90% of VDRIVE) and timed from a voltage level of 1.6 V. All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used. See the Terminology section and Figure 25. 2 The time required for the output to cross is 0.4 V or 2.4 V. |
Numéro de pièce similaire - AD7366BRUZ-500RL7 |
|
Description similaire - AD7366BRUZ-500RL7 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |