Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B72587E3140S200 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B72587E3140S200
Description  Combination of a multilayer ceramic capacitor and a multilayer varistor, leaded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B72587E3140S200 Fiches technique(HTML) 2 Page - EPCOS

  B72587E3140S200 Datasheet HTML 1Page - EPCOS B72587E3140S200 Datasheet HTML 2Page - EPCOS B72587E3140S200 Datasheet HTML 3Page - EPCOS B72587E3140S200 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
204 04/02
1) at 0,5 V
Maximum ratings (TA = 85 °C)
Type
(untaped)
SHCV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
WLD
(10x)
J
SR1S14BM474X
B72587E3140S200
14
16
800
2,4
0,015
6
SR2S14BM474X
B72547E3140S200
14
16
1200
5,8
0,030
12
SR1S14BM105Z
B72588G3140S200
14
16
800
2,4
0,015
6
SR1S14BM155Z
B72588H3140S200
14
16
800
2,4
0,015
6
SR2S14BM105Z
B72548G3140S200
14
16
1200
5,8
0,030
12
SR2S14BM155Z
B72548H3140S200
14
16
1200
5,8
0,030
12
SR2S14BM475Z
B72548L3140S200
14
16
1200
5,8
0,030
12
SR1K20M474X
B72587E3200K000
20
26
800
3,0
0,015
6
SR2K20M474X
B72547E3200K000
20
26
1200
7,8
0,030
12
SR1K20M105Z
B72588G3200K000
20
26
800
3,0
0,015
6
SR1K20M155Z
B72588H3200K000
20
26
800
3,0
0,015
6
SR1K20M225Z
B72588J3200K000
20
26
800
3,0
0,015
6
SR2K20M105Z
B72548G3200K000
20
26
1200
7,8
0,030
12
SR2K20M155Z
B72548H3200K000
20
26
1200
7,8
0,030
12
Characteristics (TA = 25 °C)
Type
(untaped)
SHCV-
VJump
(5 min)
V
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping
voltage
C ± 20 %
(1 kHz)
mF1)
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
SR1S14BM474X
24,5
22
+ 23/– 0
40
5,0
0,47
244
272
SR2S14BM474X
24,5
22
+ 23/– 040
10,0
0,47
245
272
SR1S14BM105Z
24,5
22
+ 23/– 0
40
5,0
1,00
244
272
SR1S14BM155Z
24,5
22
+ 23/– 0
40
5,0
1,50
244
272
SR2S14BM105Z
24,5
22
+ 23/– 040
10,0
1,00
245
272
SR2S14BM155Z
24,5
22
+ 23/– 040
10,0
1,50
245
272
SR2S14BM475Z
24,5
22
+ 23/– 040
10,0
4,70
245
272
SR1K20M474X
26,0
33
± 10
58
5,0
0,47
244
270
SR2K20M474X
26,0
33
± 10
58
10,0
0,47
245
271
SR1K20M105Z
26,0
33
± 10
58
5,0
1,00
244
270
SR1K20M155Z
26,0
33
± 10
58
5,0
1,50
244
270
SR1K20M225Z
26,0
33
± 10
58
5,0
2,20
244
270
SR2K20M105Z
26,0
33
± 10
58
10,0
1,00
245
271
SR2K20M155Z
26,0
33
± 10
58
10,0
1,50
245
271
HICAP; SHCV Series
Leaded Varistors


Numéro de pièce similaire - B72587E3140S200

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72587E3140S200 EPCOS-B72587E3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
logo
TDK Electronics
B72587E3140S200 TDK-B72587E3140S200 Datasheet
477Kb / 22P
   CTVS-Ceramic transient voltage suppressors
More results

Description similaire - B72587E3140S200

FabricantNo de pièceFiches techniqueDescription
logo
RFE international
RD25ZU104M500B RFE-RD25ZU104M500B Datasheet
100Kb / 1P
   CERAMIC CAPACITOR RD Series: Radial Leaded Multilayer
AD10 RFE-AD10 Datasheet
117Kb / 1P
   CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
logo
Vishay Siliconix
MLV1812E3 VISHAY-MLV1812E3 Datasheet
85Kb / 3P
   SMD 1812 Multilayer Varistor
Revision: 30-Apr-15
MLV2220E3 VISHAY-MLV2220E3 Datasheet
89Kb / 4P
   SMD 2220 Multilayer Varistor
Revision: 30-Apr-15
MLV1206E3 VISHAY-MLV1206E3 Datasheet
86Kb / 3P
   SMD 1206 Multilayer Varistor
Revision: 30-Apr-15
MLV1210E3 VISHAY-MLV1210E3 Datasheet
85Kb / 3P
   SMD 1210 Multilayer Varistor
Revision: 30-Apr-15
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
List of Unclassifed Man...
A100J15C0GF5UAA ETC1-A100J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com