Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8156-EVALZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8156-EVALZ
Description  6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8156-EVALZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8156-EVALZ Datasheet HTML 3Page - Analog Devices AD8156-EVALZ Datasheet HTML 4Page - Analog Devices AD8156-EVALZ Datasheet HTML 5Page - Analog Devices AD8156-EVALZ Datasheet HTML 6Page - Analog Devices AD8156-EVALZ Datasheet HTML 7Page - Analog Devices AD8156-EVALZ Datasheet HTML 8Page - Analog Devices AD8156-EVALZ Datasheet HTML 9Page - Analog Devices AD8156-EVALZ Datasheet HTML 10Page - Analog Devices AD8156-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8156
Rev. 0 | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VCC to VEE
3.6 V
VTTI
VCC + 0.6 V
VTTO
VCC + 0.6 V
Internal Power Dissipation1
1.92 W
Input Voltage
VCC + 0.6 V
Logic Input Voltage
VEE − 0.3 V < VIN < VCC + 0.6 V
Storage Temperature Range
−65°C to +125°C
Junction Temperature
150°C
Lead Temperature Range
300°C
1 Specification for TA = 25°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
49-Ball CSP_BGA
65
28
°C/W
ESD CAUTION


Numéro de pièce similaire - AD8156-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
More results

Description similaire - AD8156-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
ADN4612 AD-ADN4612 Datasheet
64Kb / 2P
   11.3 Gbps 12X12 Digital Crosspoint
Rev. Sp0
AD8152 AD-AD8152 Datasheet
1Mb / 32P
   34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com