Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1771SMMX Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM1771SMMX
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1771SMMX Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM1771SMMX Datasheet HTML 1Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 2Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 3Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 4Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 5Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 6Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 7Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 8Page - National Semiconductor (TI) LM1771SMMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 6V
EN, FB, HG, LG
-0.3V to V
IN
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature
150˚C
Lead Temperature
(soldering, 10sec)
260˚C
ESD Rating
2kV
Operating Ratings
V
IN to GND
2.8V to 5.5V
Junction Temperature Range (T
J)
−40˚C to +125˚C
Electrical Characteristics Specifications with standard typeface are for T
J = 25˚C, and those in bold face
type apply over the full Junction Temperature Range (−40˚C to +125˚C). Minimum and Maximum limits are guaranteed
through test, design or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25˚C and are
provided for reference purposes only. Unless otherwise specified V
IN = 3.3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
FB
Feedback pin voltage
0.782
0.8
0.818
V
I
Q
Quiescent current
V
FB = 0.9V
400
700
µA
T
ON
Switch On-Time
LM1771S - (500ns)
0.4
0.5
0.6
µs
LM1771T - (1000ns)
0.8
1.0
1.2
LM1771U - (2000ns)
1.6
2.0
2.4
T
OFF_MIN
Minimum Off-Time
LM1771S - (500ns)
150
250
ns
LM1771T - (1000ns)
135
225
LM1771U - (2000ns)
120
220
T
D
Gate Drive Dead-Time
70
ns
V
IH_EN
EN Pin Rising Threshold
1.15
1.2
1.25
V
V
EN_HYS
EN Pin Hysteresis
50
200
mV
I
FB
Feedback pin bias current
V
FB = 0.9V
50
nA
V
UVLO
Under-voltage lock out
V
IN Rising Edge
2.65
2.8
V
V
UVLO_HYS
Under-voltage lock out hysteresis
50
mV
V
SC_TH
Feedback pin Short Circuit Latch
Threshold
0.42
0.55
0.65
V
R
DS(ON) 1
HG FET driver pull-up On resistance
I
HG =20mA
4
R
DS(ON) 2
HG FET driver pull-down On resistance I
HG =20mA
6
R
DS(ON) 3
LG FET driver pull-up On resistance
I
LG =20mA
4
R
DS(ON) 4
LG FET driver pull-down On resistance I
LG =20mA
6
Note 1: Absolute Maximum Ratings indicate limits beyond which damage may occur to the device. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications, see Electrical Characteristics.
www.national.com
3


Numéro de pièce similaire - LM1771SMMX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1771SMMX NSC-LM1771SMMX Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
More results

Description similaire - LM1771SMMX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Microchip Technology
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
   No External Compensation
11/07/16
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com