Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC08D1000CIYB Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC08D1000CIYB
Description  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08D1000CIYB Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC08D1000CIYB Datasheet HTML 3Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 4Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 5Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 6Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 7Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 8Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 9Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 10Page - National Semiconductor (TI) ADC08D1000CIYB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VDR)
2.2V
Voltage on Any Input Pin
−0.15V to (V
A
+0.15V)
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Power Dissipation at T
A
≤ 85˚C
2.0 W
ESD Susceptibility (Note 4)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds, (Note 5), (Applies
to standard plated package only)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Ambient Temperature Range
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A)
+1.8V to +2.0V
Driver Supply Voltage (V
DR)
+1.8V to V
A
Analog Input Common Mode
Voltage
V
CMO ±50mV
V
IN+, VIN- Voltage Range
(Maintaining Common Mode)
200mV to V
A
Ground Difference
(|GND - DR GND|)
0V
CLK Pins Voltage Range
0V to V
A
Differential CLK Amplitude
0.4V
P-P to 2.0VP-P
Package Thermal Resistance
Package
θ
JA
θ
JC(Top of
Package)
θ
J-PAD
(Thermal
Pad)
128-Lead
Exposed Pad
LQFP
25˚C / W
10˚C / W
2.8˚C / W
Converter Electrical Characteristics
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870mV
P-P,CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 1 GHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, R
EXT = 3300
±0.1%, Analog Signal Source Impedance = 100Ω Differen-
tial. Boldface limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6, 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity (Best fit)
DC Coupled, 1MHz Sine Wave
Overanged
±0.3
±0.9
LSB (max)
DNL
Differential Non-Linearity
DC Coupled, 1MHz Sine Wave
Overanged
±0.15
±0.6
LSB (max)
Resolution with No Missing
Codes
8
Bits
V
OFF
Offset Error
-0.45
−1.5
0.5
LSB (min)
LSB (max)
V
OFF_ADJ
Input Offset Adjustment Range
Extended Control Mode
±45
mV
PFSE
Positive Full-Scale Error (Note
9)
−0.6
±25
mV (max)
NFSE
Negative Full-Scale Error (Note
9)
−1.31
±25
mV (max)
FS_ADJ
Full-Scale Adjustment Range
Extended Control Mode
±20
±15
%FS
NORMAL MODE (Non DES) DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
Normal Mode (non DES)
1.7
GHz
B.E.R.
Bit Error Rate
10
-18
Error/Sample
Gain Flatness
d.c. to 500 MHz
±0.5
dBFS
d.c. to 1 GHz
±1.0
dBFS
ENOB
Effective Number of Bits
f
IN = 100 MHz, VIN = FSR − 0.5 dB
7.5
Bits
f
IN = 248 MHz, VIN = FSR − 0.5 dB
7.4
7.0
Bits (min)
f
IN = 498 MHz, VIN = FSR − 0.5 dB
7.4
7.0
Bits (min)
www.national.com
7


Numéro de pièce similaire - ADC08D1000CIYB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08D1000CIYB NSC-ADC08D1000CIYB Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000CIYB NSC-ADC08D1000CIYB Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000CIYB NSC-ADC08D1000CIYB Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000CIYB/NOPB TI1-ADC08D1000CIYB/NOPB Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results

Description similaire - ADC08D1000CIYB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com