Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYP58 Fiches technique(PDF) 4 Page - Zetex Semiconductors

No de pièce BYP58
Description  35A Silicon Power Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BYP58 Fiches technique(HTML) 4 Page - Zetex Semiconductors

  BYP58 Datasheet HTML 1Page - Zetex Semiconductors BYP58 Datasheet HTML 2Page - Zetex Semiconductors BYP58 Datasheet HTML 3Page - Zetex Semiconductors BYP58 Datasheet HTML 4Page - Zetex Semiconductors BYP58 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BYP57 / BYP58
Electrical characteristics
(at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
Forward
voltage
BYP57-75...800
BYP58-75...800
VF
-
1.0
1.1
V
IF = 35 A,
measuring time
10ms (half-sine
wave)
Forward
voltage
(information
values)
BYP57-75...800
BYP58-75...800
VF
-
-
1.2
V
IF = 50 A,
BYP57-75...150
BYP58-75...150
-
-
3
BYP57-200...800
BYP58-200...800
IRRM
-
-
1.5
mA
TJ = 140°C, at
VRRM
BYP57-75...400
BYP58-75...400
-
-
0.25
Reverse
current
BYP57-500...800
BYP58-500...800
IRRM
-
-
0.1
mA
at VRRM
Threshold voltage (information
value)
V(FO)
-
0.66
-
V
TJ = 175°C
Slope resistance (information
value)
rF
-
5.75
-
mΩ
TJ = 175°C
Options: Electrical characteristics for parallel connecting
(at Tamb = 25°C unless otherwise stated)
Option
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test contitions
1
Forward voltage
difference in one
category of forward
voltage
∆VF
-
-
0.05
V
IF = 35 A, measuring
time 10ms (half-sine
wave)
2
Reverse current in one
category of forward
voltage (only for
BYP57-300…800 and
BYP58-300…800)
IR
-
-
0.01
mA
at VRRM
Issue 4 – September 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006


Numéro de pièce similaire - BYP58

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BYP58 DIODES-BYP58 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP58-100 DIODES-BYP58-100 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP58-150 DIODES-BYP58-150 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP58-200 DIODES-BYP58-200 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
BYP58-300 DIODES-BYP58-300 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
More results

Description similaire - BYP58

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BYP57 DIODES-BYP57 Datasheet
436Kb / 6P
   35A SILICON POWER RECTIFIER DIODE
December 2014 Rev. 5 - 4
logo
Zetex Semiconductors
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
   35A Silicon Power Rectifier Diode
logo
NTE Electronics
NTE5390 NTE-NTE5390 Datasheet
20Kb / 2P
   Silicon Bridge Rectifier, 35A
logo
Naina Semiconductor ltd...
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
   Schottky Power Diode, 35A
MBR3520 NAINA-MBR3520 Datasheet
123Kb / 2P
   Schottky Power Diode, 35A
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
   35A Bridge Rectifier
logo
Zetex Semiconductors
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
   25A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
   50A Silicon Power Rectifier Diode
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
   Silicon Power Rectifier Diode, 40Amp
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
   25A Silicon Power Rectifier Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com