Moteur de recherche de fiches techniques de composants électroniques |
|
ST92F124DR1TC Fiches technique(PDF) 10 Page - STMicroelectronics |
|
ST92F124DR1TC Fiches technique(HTML) 10 Page - STMicroelectronics |
10 / 429 page 10/429 ST92F124/F150/F250 - GENERAL DESCRIPTION Figure 5. ST92F250CV2: Architectural Block Diagram 256 bytes Register File ST9 CORE 8/16 bit CPU Interrupt Management RCCU WATCHDOG AS DS RW WAIT NMI DS2 RW MISO MOSI SCK SS EF TIMER 0 ST. TIMER SPI SCI M TXCLK RXCLK SIN DCD SOUT CLKOUT RTS WDOUT HW0SW1 STOUT ICAPA0 OCMPA0 ICAPB0 OCMPB0 EXTCLK0 Fully Prog. I/Os P0[7:0] P1[7:0] P2[7:0] P3[7:0] P4[7:0] P5[7:0] P6[7:0] P7[7:0] P8[7:0] P9[7:0] RDI TDO MF TIMER 0 TINPA0 TOUTA0 TINPB0 TOUTB0 ICAPA1 OCMPA1 ICAPB1 OCMPB1 EXTCLK1 TINPA1 TOUTA1 TINPB1 TOUTB1 INT[6:0] WKUP[15:0] EF TIMER 1 MF TIMER 1 SCI A OSCIN OSCOUT RESET CLOCK2/8 CLOCK2 INTCLK CK_AF ADC AVDD AVSS AIN[15:0] EXTRG SDA1 SCL1 I2C BUS _1 A[7:0] D[7:0] A[21:8] Ext. MEM. ADDRESS DATA Port0 Ext. MEM. ADDRESS Ports 1,9 RAM 8 Kbytes FLASH 256 Kbytes E3 TM 1K byte The alternate functions (Italic characters) are mapped on Port0, Port1, Port2, Port3, Port4, Port5, Port6, Port7, RX0 TX0 CAN_0 VREG VOLTAGE REGULATOR Port8 and Port9. SDA0 SCL0 I2C BUS _0 1 |
Numéro de pièce similaire - ST92F124DR1TC |
|
Description similaire - ST92F124DR1TC |