Moteur de recherche de fiches techniques de composants électroniques |
|
MC10ELT28D Fiches technique(PDF) 3 Page - ON Semiconductor |
|
MC10ELT28D Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 20 page ECLSOIC8EVB http://onsemi.com 3 Table 1. Configuration List ECLinPS Lite E Device Comments Configuration MC10EL01D/MC100EL01D See Figure 4 1 MC10EL04D/MC100EL04D See Figure 5 2 MC10EL05D/MC100EL05D See Figure 4 1 MC10EL07D/MC100EL07D See Figure 5 2 MC10EL11D/MC100EL11D See Figure 6 3 MC10EL12D/MC100EL12D See Figure 6 3 MC10EL16D/MC100EL16D* See Figure 5 2 MC10EL31D/MC100EL31D See Figure 4 1 MC10EL32D/MC100EL32D See Figure 7 4 MC10EL33D/MC100EL33D See Figure 7 4 MC10EL35D/MC100EL35D See Figure 4 1 MC10EL51D/MC100EL51D See Figure 4 1 MC10EL52D/MC100EL52D See Figure 4 1 MC10EL58D/MC100EL58D See Figure 8 5 MC10EL89D/MC100EL89D See Figure 6 3 MC10ELT20D/ MC100ELT20D See Figure 9 6 MC10ELT21D/ MC100ELT21D See Figure 10 7 MC10ELT22D/ MC100ELT22D See Figure 11 8 MC100ELT23D See Figure 12 9 MC10ELT26D/ MC100ELT26D See Figure 13 10 MC10ELT28D/ MC100ELT28D See Figure 14 11 Low Voltage ECLinPS E Device Comments Configuration MC100LVEL01D See Figure 4 1 MC100LVEL05D See Figure 4 1 MC100LVEL11D See Figure 6 3 MC100LVEL12D See Figure 6 3 MC100LVEL16D* See Figure 5 2 MC100LVEL31D See Figure 4 1 MC100LVEL32D See Figure 7 4 MC100LVEL33D See Figure 7 4 MC100LVEL51D See Figure 4 1 MC100LVEL58D See Figure 8 5 MC100LVELT22D See Figure 11 8 MC100LVELT23D See Figure 12 9 ECLinPS Plus E Device Comments Configuration MC10EP01D/MC100EP01D See Figure 4 1 MC10EP05D/MC100EP05D See Figure 4 1 MC10EP08D/MC100EP08D See Figure 4 1 MC10EP11D/MC100EP11D See Figure 6 3 MC10EP16D/ MC100EP16D* See Figure 5 2 MC100EP16FD* See Figure 5 2 MC10EP16TD/ MC100EP16TD* See Figure 5 2 MC100EP16VAD* See Figure 5 2 MC100EP16VBD* See Figure 5 2 MC100EP16VCD* See Figure 8 5 MC100EP16VSD* See Figure 5 2 MC100EP16VTD* See Figure 5 2 MC10EP31D/MC100EP31D See Figure 4 1 MC10EP32D/MC100EP32D See Figure 7 4 MC10EP33D/MC100EP33D See Figure 7 4 MC10EP35D/MC100EP35D See Figure 4 1 MC10EP51D/MC100EP51D See Figure 4 1 MC10EP52D/MC100EP52D See Figure 4 1 MC10EP58D/MC100EP58D See Figure 8 5 MC100EP89D See Figure 6 3 MC10EPT20D/ MC100EPT20D See Figure 9 6 MC100EPT21D* See Figure 10 7 MC100EPT22D See Figure 11 8 MC100EPT23D* See Figure 12 9 MC100EPT26D* See Figure 13 10 Low Voltage ECLinPS Plus Device Comments Configuration MC100LVEP11D See Figure 6 3 MC100LVEP16D* See Figure 5 2 *See Appendix for additions or modifications to the current configuration. ECLinPS MAX E Device Comments Configuration NB6L11D See Figure 6 3 NB6L16D See Figure 5 2 |
Numéro de pièce similaire - MC10ELT28D |
|
Description similaire - MC10ELT28D |