Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9948KCP Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD9948KCP
Description  10-Bit CCD Signal Processor with Precision Timing??Core
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9948KCP Fiches technique(HTML) 4 Page - Analog Devices

  AD9948KCP Datasheet HTML 1Page - Analog Devices AD9948KCP Datasheet HTML 2Page - Analog Devices AD9948KCP Datasheet HTML 3Page - Analog Devices AD9948KCP Datasheet HTML 4Page - Analog Devices AD9948KCP Datasheet HTML 5Page - Analog Devices AD9948KCP Datasheet HTML 6Page - Analog Devices AD9948KCP Datasheet HTML 7Page - Analog Devices AD9948KCP Datasheet HTML 8Page - Analog Devices AD9948KCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
REV. 0
–4–
AD9948
TIMING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (CLI) (See Figure 4)
CLI Clock Period
tCLI
40
ns
CLI High/Low Pulsewidth
tADC
16
20
24
ns
Delay from CLI to Internal Pixel
Period Position
tCLIDLY
6ns
CLPOB Pulsewidth (Programmable)
*
tCOB
220
Pixels
SAMPLE CLOCKS (See Figure 6)
SHP Rising Edge to SHD Rising Edge
tS1
17
20
ns
DATA OUTPUTS (See Figures 7a and 7b)
Output Delay From Programmed Edge
tOD
6ns
Pipeline Delay
11
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
*Minimum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.
Specifications subject to change without notice.
(CL = 20 pF, fCLI = 25 MHz, Serial Timing in Figure 3, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
*
With
Parameter
Respect To
Min
Max
Unit
AVDD, TCVDD
AVSS
–0.3
+3.9
V
HVDD, RGVDD
HVSS, RGVSS
–0.3
+3.9
V
DVDD, DRVDD
DVSS, DRVSS
–0.3
+3.9
V
Any VSS
Any VSS
–0.3
+0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
CLPOB/PBLK, HBLK
DVSS
–0.3
DVDD + 0.3
V
SCK, SL, SDATA
DVSS
–0.3
DVDD + 0.3
V
RG
RGVSS
–0.3
RGVDD + 0.3
V
H1–H4
HVSS
–0.3
HVDD + 0.3
V
REFT, REFB, CCDIN
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Lead Temperature (10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9948 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9948KCP
–20
°C to +85°C
LFCSP
CP-40
AD9948KCPRL
–20
°C to +85°C
LFCSP
CP-40
AD9948KCPZ
*
–20
°C to +85°C
LFCSP
CP-40
AD9948KCPZRL
* –20
°C to +85°C
LFCSP
CP-40
*This is a lead free product.
THERMAL CHARACTERISTICS
Thermal Resistance
40-Lead LFCSP Package
JA = 27
°C/W*
* JA is measured using a 4-layer PCB with the exposed paddle
soldered to the board.


Numéro de pièce similaire - AD9948KCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9948 AD-AD9948 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948AD9949 AD-AD9948AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
More results

Description similaire - AD9948KCP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949 Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com