Moteur de recherche de fiches techniques de composants électroniques |
|
1PS70SB16 Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
1PS70SB16 Fiches technique(HTML) 2 Page - NXP Semiconductors |
2 / 8 page 1999 Apr 26 2 Philips Semiconductors Product specification Schottky barrier (double) diodes 1PS70SB10; 1PS70SB14; 1PS70SB15; 1PS70SB16 FEATURES • Low forward voltage • Guard ring protected • Very small plastic SMD package. APPLICATIONS • Ultra high-speed switching • Voltage clamping • Protection circuits • Blocking diodes. DESCRIPTION Planar Schottky barrier diodes encapsulated in a SOT323 very small plastic SMD package. Single diodes and double diodes with different pinning are available. PINNING PIN 1PS70SB.. 10 14 15 16 1a1 a1 a1 k1 2 n.c. k2 a2 k2 3k1 k1,a2 k1,k2 a1,a2 Fig.1 Simplified outline SOT323 (SC-70) and pin configuration. halfpage MGD765 Top view 2 1 3 Fig.2 1PS70SB10 single diode configuration (symbol). 3 12 n.c. MLC357 Fig.3 1PS70SB14 diode configuration (symbol). 3 12 MLC358 Fig.4 1PS70SB15 diode configuration (symbol). 3 12 MLC359 Fig.5 1PS70SB16 diode configuration (symbol). 3 12 MLC360 MARKING Note 1. ∗ = -: Made in Hong Kong. ∗ = t: Made in Malaysia. TYPE NUMBER MARKING CODE (1) 1PS70SB10 7 ∗0 1PS70SB14 7 ∗4 1PS70SB15 7 ∗5 1PS70SB16 7 ∗6 |
Numéro de pièce similaire - 1PS70SB16 |
|
Description similaire - 1PS70SB16 |