Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33999 Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce MC33999
Description  16-Output Switch with SPI and PWM Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33999 Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33999 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33999 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33999
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
PWM CONTROL PIN (PWM)
The PWM Control pin is provided to support PWM of any
combination of outputs. Logic for PWM control is provided in
the LOGIC Commands and Registers section (page 15).
PULSE WIDTH MODULE (PWMn)
PWM0, PWM1, PWM6, PWM7, PWM8, PWM9, PWM14,
and PWM15 input pins allow direct PWM control of OUT0,
OUT1, OUT6, OUT7, OUT8, OUT9, OUT14, and OUT15,
respectively. Logic for PWM control is provided in the LOGIC
Commands and Registers section.


Numéro de pièce similaire - MC33999

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
More results

Description similaire - MC33999

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Toshiba Semiconductor
TC62D723FNG TOSHIBA-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com