Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HFA04TB60SPBF Fiches technique(PDF) 6 Page - International Rectifier

No de pièce HFA04TB60SPBF
Description  ULTRAFAST, SOFT RECOVERY DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

HFA04TB60SPBF Fiches technique(HTML) 6 Page - International Rectifier

  HFA04TB60SPBF Datasheet HTML 1Page - International Rectifier HFA04TB60SPBF Datasheet HTML 2Page - International Rectifier HFA04TB60SPBF Datasheet HTML 3Page - International Rectifier HFA04TB60SPBF Datasheet HTML 4Page - International Rectifier HFA04TB60SPBF Datasheet HTML 5Page - International Rectifier HFA04TB60SPBF Datasheet HTML 6Page - International Rectifier HFA04TB60SPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HFA04TB60SPbF
www.irf.com
6
D2PAK Part Marking Information
D2PAK Package Outline
Dimensions are shown in millimeters (inches)
T HIS IS A HFA04T B60S
LOGO
LOT CODE
ASS EMBLY
RECT IF IER
INT ERNATIONAL
WW = WEEK
YY = YEAR
DAT E CODE
PART NUMBER
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPT IONAL)
(K)
(N/C)
(A)


Numéro de pièce similaire - HFA04TB60SPBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
118Kb / 7P
   Ultrafast Soft Recovery Diode, 4 A
Revision: 22-Oct-08
HFA04TB60SPBF VISHAY-HFA04TB60SPBF Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
More results

Description similaire - HFA04TB60SPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com