Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA316X Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BTA316X
Description  16 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316X Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BTA316X Datasheet HTML 2Page - NXP Semiconductors BTA316X Datasheet HTML 3Page - NXP Semiconductors BTA316X Datasheet HTML 4Page - NXP Semiconductors BTA316X Datasheet HTML 5Page - NXP Semiconductors BTA316X Datasheet HTML 6Page - NXP Semiconductors BTA316X Datasheet HTML 7Page - NXP Semiconductors BTA316X Datasheet HTML 8Page - NXP Semiconductors BTA316X Datasheet HTML 9Page - NXP Semiconductors BTA316X Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BTA316X_SER_B_C_E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2007
6 of 13
NXP Semiconductors
BTA316X series B, C and E
16 A Three-quadrant triacs high commutation
7.
Static characteristics
Table 6.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
BTA316X-600B
BTA316X-800B
BTA316X-600C
BTA316X-800C
BTA316X-600E
BTA316X-800E
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IGT
gate trigger
current
VD =12V;
IT = 0.1 A;
see Figure 8
T2+ G+
2
-
50
2
-
35
-
-
10
mA
T2+ G
2
-
50
2
-
35
-
-
10
mA
T2
− G−
2
-
50
2
-
35
-
-
10
mA
IL
latching current VD =12V;
IGT = 0.1 A;
see Figure 10
T2+ G+
-
-
60
-
-
50
-
-
25
mA
T2+ G
--90
--60
--30
mA
T2
− G−
--60
--50
--30
mA
IH
holding current
VD =12V;
IGT = 0.1 A;
see Figure 11
--60
--35
--15
mA
VT
on-state
voltage
IT =18 A;
see Figure 9
-
1.3
1.5
-
1.3
1.5
-
1.3
1.5
V
VGT
gate trigger
voltage
VD =12V;
IT = 0.1 A;
see Figure 7
-
0.8
1.5
-
0.8
1.5
-
0.8
1.5
V
VD = 400 V;
IT = 0.1 A;
Tj = 125 °C
0.25
0.4
-
0.25
0.4
-
0.25
0.4
-
V
ID
off-state current VD =VDRM(max);
Tj = 125 °C
-
0.1
0.5
-
0.1
0.5
-
0.1
0.5
mA


Numéro de pièce similaire - BTA316X

FabricantNo de pièceFiches techniqueDescription
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
BTA316X-600B SIPOWER-BTA316X-600B Datasheet
1Mb / 7P
   16A Triacs
logo
WeEn Semiconductors
BTA316X-600B WEEN-BTA316X-600B Datasheet
272Kb / 13P
   3Q Hi-Com Triac
logo
SiPower Inc.
BTA316X-600C SIPOWER-BTA316X-600C Datasheet
1Mb / 7P
   16A Triacs
logo
WeEn Semiconductors
BTA316X-600C WEEN-BTA316X-600C Datasheet
272Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA316X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com